Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61201 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP61201 Datasheet HTML 1Page - Diodes Incorporated AP61201 Datasheet HTML 2Page - Diodes Incorporated AP61201 Datasheet HTML 3Page - Diodes Incorporated AP61201 Datasheet HTML 4Page - Diodes Incorporated AP61201 Datasheet HTML 5Page - Diodes Incorporated AP61201 Datasheet HTML 6Page - Diodes Incorporated AP61201 Datasheet HTML 7Page - Diodes Incorporated AP61201 Datasheet HTML 8Page - Diodes Incorporated AP61201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
3 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Pin Descriptions
Pin Name
Pin Number
Function
FB
1
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
GND
2
Power Ground.
VIN
3
Power Input. VIN supplies the power to the IC as well as the step-down converter power MOSFETs. Drive
VIN with a 2.3V to 5.5V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise
due to the switching of the IC. See Input Capacitor section for more details.
SW
4
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC
filter from SW to the output load.
EN
5
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and
low to turn it off.
OUT
(AP61200/AP61201)
6
Output Voltage Power Rail. Connect OUT to the output load as shown in Figure 1. OUT cannot be tied to
GND but can be treated as a No Connect pin and left floating. If left floating, then a feed-forward capacitor,
C3, must be used as shown in Figure 2.
PG
(AP61202/AP61203)
Power-Good. Open drain power-good output that is pulled to GND when the output voltage is out of its
regulation limits or during soft-start.
Functional Block Diagram
EN
SW
VIN
3
0.6V
4
2
GND
+
+
-
+
Control
Logic
SE
OCP
S
VIN
Q
R
Q
SW
On-Time
Compute
One-Shot
Minimum
Off-Time
VIN OVP
UVLO
Internal
Reference
Internal
Soft-Start
0.6V
Q1
Q2
ON
5
Shutdown
Comparator
DISCHARGE
FB
OUT
AP61200/AP61201
1
6
Thermal
Shutdown
5MΩ
VIN
6
PG
AP61202/AP61203
DISCHARGE
MODE
Figure 5. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com