Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61201 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated AP61201 Datasheet HTML 15Page - Diodes Incorporated AP61201 Datasheet HTML 16Page - Diodes Incorporated AP61201 Datasheet HTML 17Page - Diodes Incorporated AP61201 Datasheet HTML 18Page - Diodes Incorporated AP61201 Datasheet HTML 19Page - Diodes Incorporated AP61201 Datasheet HTML 20Page - Diodes Incorporated AP61201 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
18 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Layout
PCB Layout
1.
The AP61200/AP61201/AP61202/AP61203 works at 2A load current so heat dissipation is a major concern in the layout of the PCB. 2oz
copper for both the top and bottom layers is recommended.
2.
Place the input capacitors as closely across VIN and GND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as close to GND as possible.
5.
Place the feedback components as close to FB as possible.
6.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
7.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
8.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
9.
See Figure 42 and Figure 43 for more details.
FB
GND
VIN
SW
EN
OUT
R1
R2
C2
VIN
VOUT
SW
GND
C3
FB
GND
VIN
SW
EN
PG
R1
R2
C2
VIN
VOUT
SW
GND
Figure 42. Recommended AP61200/AP61201 PCB Layout
Figure 43. Recommended AP61202/AP61203 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com