Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet(PDF) 2 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 2 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging Code
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
00
Ammo Pack
H
0= 18.5 ±0.5
DQ1
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
CK
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
GY1
Bulk (Bag)2 – Short Leads
2.7 +0.5/−0
JA
Bulk (Bag)2 – Short Leads
3.5 +0.5/−0
JB
Bulk (Bag)2 – Short Leads
4.0 +0.5/−0
JE
Bulk (Bag)2 – Short Leads
3.2 +0.3/−0.2
JH
Bulk (Bag) – Long Leads
18 ±1
JM
Bulk (Bag) – Long Leads
30 +5/−0
40
Bulk (Bag) – Long Leads
25 +2/−1
50
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
00
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
CK1
Other Lead and Packaging Options
Bulk (Tray) – Short Leads
2.7 +0.5/−0
JA
Bulk (Tray) – Short Leads
3.5 +0.5/−0
JB
Bulk (Tray) – Short Leads
4.0 +0.5/−0
JE
Bulk (Tray )– Short Leads
3.2 +0.3/−0.2
JH
Bulk (Tray) – Long Leads
18 ±1
JM
Bulk (Tray) – Long Leads
30 +5/−0
40
Bulk (Tray) – Long Leads
25 +2/−1
50
37.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
00
Other Lead and Packaging Options
Bulk (Tray) – Short Leads
2.7 +0.5/−0
JA
Bulk (Tray) – Short Leads
3.5 +0.5/−0
JB
Bulk (Tray) – Short Leads
4.0 +0.5/−0
JE
Bulk (Tray )– Short Leads
3.2 +0.3/−0.2
JH
Bulk (Tray) – Long Leads
18 ±1
JM
Bulk (Tray) – Long Leads
30 +5/−0
40
Bulk (Tray) – Long Leads
25 +2/−1
50
1
Not for all sizes, see "Packaging Quantities" table.
2
For lead spacing 22.5 case sizes ≥ 8.5*17*26.5 the parts are packed in a Pizza box 335*320*34 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com