Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet(PDF) 3 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 3 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Dimensions – Millimeters
F
L
T
H
LL
S
FRONT VIEW
SIDE VIEW
S
T
H
L
F
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
10.0
±0.4
4.0
+0.2/-0.5
9.0
+0.1/-0.5
13.0
+0.2/-0.5
0.6
±0.05
10.0
±0.4
5.0
+0.2/-0.5
11.0
+0.1/-0.5
13.0
+0.2/-0.5
0.6
±0.05
10.0
±0.4
6.0
+0.2/-0.5
12.0
+0.1/-0.5
13.0
+0.2/-0.5
0.6
±0.05
15.0
±0.4
5.0
+0.2/−0.5
11.0
+0.1/−0.5
18.0
+0.3/−0.5
0.6
±0.05
15.0
±0.4
6.0
+0.2/−0.5
12.0
+0.1/−0.5
18.0
+0.3/−0.5
0.6
±0.05
15.0
±0.4
6.0
+0.2/−0.5
17.5
+0.1/−0.5
18.0
+0.3/−0.5
0.6
±0.05
15.0
±0.4
7.5
+0.2/−0.5
13.5
+0.1/−0.5
18.0
+0.5/−0.5
0.6
±0.05
15.0
±0.4
7.5
+0.2/−0.5
18.5
+0.1/−0.5
18.0
+0.5/−0.5
0.8
±0.05
15.0
±0.4
8.5
+0.2/−0.5
14.5
+0.1/−0.5
18.0
+0.5/−0.5
0.6
±0.05
15.0
±0.4
9.0
+0.2/−0.5
12.5
+0.1/−0.5
18.0
+0.5/−0.5
0.6
±0.05
15.0
±0.4
10.0
+0.2/−0.5
16.0
+0.1/−0.5
18.0
+0.5/−0.5
0.8
±0.05
15.0
±0.4
11.0
+0.2/−0.5
19.0
+0.1/−0.5
18.0
+0.5/−0.5
0.8
±0.05
15.0
±0.4
13.0
+0.2/−0.5
12.0
+0.1/−0.5
18.0
+0.5/−0.5
0.8
±0.05
22.5
±0.4
6.0
+0.2/−0.5
15.0
+0.1/−0.5
26.5
+0.3/−0.5
0.8
±0.05
22.5
±0.4
7.0
+0.2/−0.5
16.0
+0.1/−0.5
26.5
+0.3/−0.5
0.8
±0.05
22.5
±0.4
10.0
+0.2/−0.5
18.5
+0.1/−0.5
26.5
+0.3/−0.5
0.8
±0.05
22.5
±0.4
11.0
+0.2/−0.5
20.0
+0.1/−0.5
26.5
+0.3/−0.5
0.8
±0.05
22.5
±0.4
13.0
+0.2/−0.5
22.0
+0.1/−0.5
26.5
+0.3/−0.5
0.8
±0.05
27.5
±0.4
9.0
+0.2/−0.7
17.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
11.0
+0.2/−0.7
20.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
13.0
+0.2/−0.7
22.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
13.0
+0.2/−0.7
25.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
14.0
+0.2/−0.7
28.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
18.0
+0.2/−0.7
33.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
27.5
±0.4
22.0
+0.2/−0.7
37.0
+0.1/−0.7
32.0
+0.3/−0.7
0.8
±0.05
37.5
±0.4
11.0
+0.3/−0.7
22.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
13.0
+0.3/−0.7
24.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
16.0
+0.3/−0.7
28.5
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
19.0
+0.3/−0.7
32.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
20.0
+0.3/−0.7
40.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
24.0
+0.3/−0.7
44.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
37.5
±0.4
30.0
+0.3/−0.7
45.0
+0.1/−0.7
41.5
+0.3/−0.7
1.0
±0.05
Note: See Ordering Options Table for lead length (LL/H
0) options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com