Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet(PDF) 4 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 4 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Performance Characteristics
* Typical value
Dielectric
Polypropylene film
Plates
Metal layer deposited by evaporation under vacuum
Winding
Non-inductive type
Leads
Tinned wire
Protection
Plastic case, thermosetting resin filled. Box material is solvent resistant and flame retardant according to UL94.
Related Documents
IEC 60384–14, EN 60384–14
Rated Voltage V
R
310 VAC (50/60 Hz)
Recommended DC Voltage
≤ 630 VDC
Capacitance Range
0.010 – 15 µF
Capacitance Values
E6 series (IEC 60063) measured at 1 kHz and +20 ±1°C
Capacitance Tolerance
±10%, ±20%
Temperature Range
−40°C to +125°C
Climatic Category
40/125/56 IEC 60068-1
Reliability
Operational life 100,000 hours at 85°C; 2,000 hours at 125°C
Storage Conditions
Storage time: ≤ 24 months from the date marked on the label package
Average relative humidity per year ≤ 70%
RH ≤ 85% for 30 days randomly distributed throughout the year
Dew is absent
Temperature: −40 to 80°C (see "Maximum Humidity in Storage Conditions" graph below)
Approvals
ENEC, UL, cUL, CQC
Dissipation Factor (tanδ)
Maximum Values at +23°C
C ≤ 0.1 μF
C > 0.1 μF
Frequency = 1 kHz
0.3%
0.2%
Test Voltage Between Terminals
The 100% screening factory test is carried out at 2,200 VDC/1,500 VAC.
The voltage level is selected to meet the requirements in applicable equipment standards.
All electrical characteristics are checked after the test. This test cannot be repeated, as there is a risk of
damaging the capacitor. KEMET is not liable in such cases for any failures.
Insulation Resistance
Measured at +25°C ±5°C, according to IEC 60384–2
Minimum Values Between Terminals
Voltage Charge
Voltage Charge Time
C ≤ 0.33 μF
C > 0.33 μF
100 VDC
1 minute
≥ 1 • 105 MΩ
( ≥ 5 • 105 MΩ )*
≥ 30,000 MΩ • µF
( ≥ 150,000 MΩ • µF )*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com