Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R46 Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 1 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• Approvals: ENEC, UL, cUL, CQC
• X2 CLASS (IEC 60384-14)
• Rated voltage: 310 VAC 50/60 Hz
• Capacitance range: 0.01 – 15 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category 40/125/56, IEC 60068-1
• Tape & Reel in accordance with IEC 60286-2
• RoHS compliant and lead-free terminations
• Operating temperature range of −40°C to +125°C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self healing properties
Overview
The R46 series is constructed of metallized polypropylene
film encapsulated with self-extinguishing resin in a box of
material that meets the requirements of UL 94 V–0.
Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications that require X2
safety classification. Intended for use in situations in which
capacitor failure would not result in exposure to electric
shock. Not for use in "series with mains" type applications.
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Part Number System
R46
3
N
3220
00
H1
M
Series
Rated Voltage
(VAC)
Lead Spacing
(mm)
Capacitance
Code (pF)
Packaging
Internal Use
Capacitance
Tolerance
X2, Metallized
Polypropylene
3 = 310
F = 10.0
I = 15.0
N = 22.5
R = 27.5
W = 37.5
The last three
digits represent
significant figures.
The first digit
specifies number
of zeros to be
added.
See Ordering
Options Table
H = High
Temperature
H1
H2
H3
H4
H7
K = ±10%
M = ±20%


Similar Part No. - R46

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46 KEMET-R46 Datasheet
1Mb / 9P
METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R4607A-01 HAMAMATSU-R4607A-01_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
logo
GIACOMINI WATER E-MOTIO...
R460HX011 GIACOMINI-R460HX011 Datasheet
870Kb / 6P
Thermostatic head with threaded connection M30 x 1,5 mm
logo
ON Semiconductor
R460PF2 ONSEMI-R460PF2 Datasheet
222Kb / 7P
4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
More results

Similar Description - R46

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
Metallized Polypropylene Film EMI Suppression Capacitors
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
Metallized Polypropylene Film EMI Suppression Capacitors
PHE845VD5100MR06L2 KEMET-PHE845VD5100MR06L2 Datasheet
1Mb / 14P
Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com