Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1105708
Description  Interface converters - GW PN/MODBUS 1E/2DB9
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1105708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1105708 Datasheet HTML 1Page - PHOENIX CONTACT 1105708 Datasheet HTML 2Page - PHOENIX CONTACT 1105708 Datasheet HTML 3Page - PHOENIX CONTACT 1105708 Datasheet HTML 4Page - PHOENIX CONTACT 1105708 Datasheet HTML 5Page - PHOENIX CONTACT 1105708 Datasheet HTML 6Page - PHOENIX CONTACT 1105708 Datasheet HTML 7Page - PHOENIX CONTACT 1105708 Datasheet HTML 8Page - PHOENIX CONTACT 1105708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Connection method
RJ45 jack, shielded
No. of channels
1
Transmission length
≤ 100 m (shielded twisted pair)
Protocols supported
PROFINET, MODBUS ASCII/RTU/TCP
Auxiliary protocols
ARP, DHCP (Client), PING
Data: RS-232
Serial transmission speed
0.3; 0.6; 1.2; 2.4; 4.8; 9.6; 19.2; 38.4; 57.6; 115.2; 230.4 Kbps
Number of connections
2
Connection method
D-SUB 9 plug
Pin assignment
DTE
Transmission length
15 m
File format/coding
5/6/7/8 Data bits, 1/2 Stop bits, None/Even/Odd/Mark/Space
Parity
Data flow control/protocols
Software handshake, Xon/Xoff or hardware handshake RTS/CTS
Data: RS-422
Serial transmission speed
0.3; 0.6; 1.2; 2.4; 4.8; 9.6; 19.2; 38.4; 57.6; 115.2; 230.4 Kbps
Number of connections
2
Connection method
D-SUB 9 plug
Pin assignment
2, 3, 5, 7, 8
Transmission length
≤ 1200 m
Termination resistor
120 Ω (configurable)
File format/coding
5/6/7/8 Data bits, 1/2 Stop bits, None/Even/Odd/Mark/Space
Parity
Data: RS-485
Serial transmission speed
0.3; 0.6; 1.2; 2.4; 4.8; 9.6; 19.2; 38.4; 57.6; 115.2; 230.4 Kbps
Number of connections
2
Connection method
D-SUB 9 plug
Pin assignment
3, 5, 7
Termination resistor
120 Ω (configurable)
File format/coding
5/6/7/8 Data bits, 1/2 Stop bits, None/Even/Odd/Mark/Space
Parity
Dimensions
Width
22.5 mm
Height
99 mm
Depth
115 mm
Material specifications
Color
gray
Housing material
PA 6.6
Environmental and real-life conditions
Ambient conditions
Interface converters - GW PN/MODBUS 1E/2DB9
1105708
https://www.phoenixcontact.com/us/products/1105708
Dec 2, 2022, 5:25 AM
Page 3 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com