Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1105708
Description  Interface converters - GW PN/MODBUS 1E/2DB9
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1105708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1105708 Datasheet HTML 1Page - PHOENIX CONTACT 1105708 Datasheet HTML 2Page - PHOENIX CONTACT 1105708 Datasheet HTML 3Page - PHOENIX CONTACT 1105708 Datasheet HTML 4Page - PHOENIX CONTACT 1105708 Datasheet HTML 5Page - PHOENIX CONTACT 1105708 Datasheet HTML 6Page - PHOENIX CONTACT 1105708 Datasheet HTML 7Page - PHOENIX CONTACT 1105708 Datasheet HTML 8Page - PHOENIX CONTACT 1105708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Technical Data
Notes
Utilization restriction
EMC note
EMC: class A product, see manufacturer's declaration in the
download area
Utilization restriction
CCCex note
Use in potentially explosive areas is not permitted in China.
Product properties
Product type
Interface converter
69.4 Years (Telcordia standard, 25°C temperature, 50% stress,
Environmental Factor = 1.0)
MTBF
46.3 Years (Telcordia standard, 40°C temperature, 50% stress,
environmental factor = 1.0)
Electrical properties
Electrical isolation
IEC UL 61010-1 (VCC // Ethernet)
Test voltage data interface/data interface
1.5 kVrms (50 Hz, 1 min.)
Test voltage data interface/power supply
1.5 kVrms (50 Hz, 1 min.)
Test voltage data interface/power supply
1.5 kVrms
Supply
Supply voltage range
10.8 V DC ... 30 V DC (via pluggable COMBICON screw terminal
block)
Typical current consumption
76 mA (24 V DC)
Max. current consumption
85 mA (24 V DC)
Function
Management
Web-based management
Status and diagnostic indicators
LEDs: Status, ACT/LNK (Ethernet data traffic)
Connection data
Supply
Conductor cross section, flexible
0.20 mm² ... 2.50 mm²
Conductor cross section AWG
24 ... 12
Tightening torque
0.5 Nm ... 0.6 Nm
Interfaces
Ethernet
PROFINET
Signal
Modbus
Data: PROFINET, MODBUS TCP
Serial transmission speed
10/100 Mbps, auto negotiation
Interface converters - GW PN/MODBUS 1E/2DB9
1105708
https://www.phoenixcontact.com/us/products/1105708
Dec 2, 2022, 5:25 AM
Page 2 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com