Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1105708
Description  Interface converters - GW PN/MODBUS 1E/2DB9
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1105708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1105708 Datasheet HTML 1Page - PHOENIX CONTACT 1105708 Datasheet HTML 2Page - PHOENIX CONTACT 1105708 Datasheet HTML 3Page - PHOENIX CONTACT 1105708 Datasheet HTML 4Page - PHOENIX CONTACT 1105708 Datasheet HTML 5Page - PHOENIX CONTACT 1105708 Datasheet HTML 6Page - PHOENIX CONTACT 1105708 Datasheet HTML 7Page - PHOENIX CONTACT 1105708 Datasheet HTML 8Page - PHOENIX CONTACT 1105708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Altitude
< 2000 m
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Approval data
Conformity/Approvals
Conformance
CE-compliant
UL, USA
UL 61010-1
UL, USA / Canada
Class I, Div. 2, Groups A, B, C, D T4A
Noxious gas test
ISA-S71.04-1985 G3 Harsh Group A
Ex data
ATEX
DEMKO 18ATEX 2026X: II 3 G
Ex ec IIC T4 Gc
IECEx
IECEx UL 18.0023X
Ex ec IIC T4 Gc
EMC data
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2:2005
Standards and regulations
Standards/regulations
EN 55022, EN 55024
Mounting
Mounting type
DIN rail mounting
Interface converters - GW PN/MODBUS 1E/2DB9
1105708
https://www.phoenixcontact.com/us/products/1105708
Dec 2, 2022, 5:25 AM
Page 4 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com