Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105708 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1105708
Description  Interface converters - GW PN/MODBUS 1E/2DB9
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1105708 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1105708 Datasheet HTML 8Page - PHOENIX CONTACT 1105708 Datasheet HTML 9Page - PHOENIX CONTACT 1105708 Datasheet HTML 10Page - PHOENIX CONTACT 1105708 Datasheet HTML 11Page - PHOENIX CONTACT 1105708 Datasheet HTML 12Page - PHOENIX CONTACT 1105708 Datasheet HTML 13Page - PHOENIX CONTACT 1105708 Datasheet HTML 14Page - PHOENIX CONTACT 1105708 Datasheet HTML 15Page - PHOENIX CONTACT 1105708 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Industrial Ethernet Switch
Industrial Ethernet Switch - FL SWITCH SFN 5TX - 2891152
https://www.phoenixcontact.com/us/products/2891152
Ethernet switch, 5 TP RJ45 ports, automatic detection of data transmission
speed of 10 or 100 Mbps (RJ45), autocrossing function
Surge protection device
Surge protection device - DT-LAN-CAT.6+ - 2881007
https://www.phoenixcontact.com/us/products/2881007
Surge protection in accordance with Class EA (CAT6A), for Gigabit Ethernet (up
to 10 Gbps), token ring, FDDI/CDDI, ISDN, and DS1. Suitable for Power over
Ethernet (PoE++ / 4PPoE) “Mode A” and “Mode B”. RJ45 attachment plug with
separate grounding cable and ground connection snap-on foot for NS 35 DIN
rails.
Interface converters - GW PN/MODBUS 1E/2DB9
1105708
https://www.phoenixcontact.com/us/products/1105708
Dec 2, 2022, 5:25 AM
Page 12 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com