Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1788198 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1788198
Description  DIN rail connector - UMSTBVK 2,5/10-G-5,08
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1788198 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1788198 Datasheet HTML 2Page - PHOENIX CONTACT 1788198 Datasheet HTML 3Page - PHOENIX CONTACT 1788198 Datasheet HTML 4Page - PHOENIX CONTACT 1788198 Datasheet HTML 5Page - PHOENIX CONTACT 1788198 Datasheet HTML 6Page - PHOENIX CONTACT 1788198 Datasheet HTML 7Page - PHOENIX CONTACT 1788198 Datasheet HTML 8Page - PHOENIX CONTACT 1788198 Datasheet HTML 9Page - PHOENIX CONTACT 1788198 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Approvals
CSA
Approval ID: 13631
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
Use group B
300 V
10 A
28 - 12
-
Use group D
300 V
10 A
28 - 12
-
IECEE CB Scheme
Approval ID: DE1-60988-B1B2
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
250 V
12 A
-
0.2 - 2.5
EAC
Approval ID: B.01687
cULus Recognized
Approval ID: E60425-19931014
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
Use group B
250 V
12 A
30 - 12
-
Use group D
300 V
10 A
30 - 12
-
VDE Zeichengenehmigung
Approval ID: 40050694
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
250 V
12 A
-
0.2 - 2.5
DIN rail connector - UMSTBVK 2,5/10-G-5,08
1788198
https://www.phoenixcontact.com/us/products/1788198
Sep 8, 2022, 4:22 AM
Page 6 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com