Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1788198 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1788198
Description  DIN rail connector - UMSTBVK 2,5/10-G-5,08
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1788198 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1788198 Datasheet HTML 9Page - PHOENIX CONTACT 1788198 Datasheet HTML 10Page - PHOENIX CONTACT 1788198 Datasheet HTML 11Page - PHOENIX CONTACT 1788198 Datasheet HTML 12Page - PHOENIX CONTACT 1788198 Datasheet HTML 13Page - PHOENIX CONTACT 1788198 Datasheet HTML 14Page - PHOENIX CONTACT 1788198 Datasheet HTML 15Page - PHOENIX CONTACT 1788198 Datasheet HTML 16Page - PHOENIX CONTACT 1788198 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PCB connector
PCB connector - SMSTB 2,5/10-ST-5,08 - 1826364
https://www.phoenixcontact.com/us/products/1826364
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current:
12 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 10, number of rows: 1, number of positions: 10,
number of connections: 10, product range: SMSTB 2,5/..-ST, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: -45 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type
of packaging: packed in cardboard
PCB connector
PCB connector - MVSTBR 2,5/10-ST-5,08 - 1792320
https://www.phoenixcontact.com/us/products/1792320
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current:
12 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 10, number of rows: 1, number of positions: 10,
number of connections: 10, product range: MVSTBR 2,5/..-ST, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 90 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type
of packaging: packed in cardboard
DIN rail connector - UMSTBVK 2,5/10-G-5,08
1788198
https://www.phoenixcontact.com/us/products/1788198
Sep 8, 2022, 4:22 AM
Page 13 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com