Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1788198 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1788198
Description  DIN rail connector - UMSTBVK 2,5/10-G-5,08
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1788198 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1788198 Datasheet HTML 1Page - PHOENIX CONTACT 1788198 Datasheet HTML 2Page - PHOENIX CONTACT 1788198 Datasheet HTML 3Page - PHOENIX CONTACT 1788198 Datasheet HTML 4Page - PHOENIX CONTACT 1788198 Datasheet HTML 5Page - PHOENIX CONTACT 1788198 Datasheet HTML 6Page - PHOENIX CONTACT 1788198 Datasheet HTML 7Page - PHOENIX CONTACT 1788198 Datasheet HTML 8Page - PHOENIX CONTACT 1788198 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
DIN rail connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
UMSTBVK 2,5/..-G, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, locking: without,
mounting: without, type of packaging: packed in cardboard
Your advantages
Direct plug-in block with universal foot for mounting on NS 32 or NS 35 DIN rail
•
Can be combined with the MSTB 2,5 range
•
Well-known connection principle allows worldwide use
•
Commercial Data
Item number
1788198
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACMFC
Catalog Page
Page 361 (C-1-2013)
GTIN
4017918043254
Weight per Piece (including packing)
31.48 g
Weight per Piece (excluding packing)
29.936 g
Customs tariff number
85366990
Country of origin
DE
DIN rail connector - UMSTBVK 2,5/10-G-5,08
1788198
https://www.phoenixcontact.com/us/products/1788198
Sep 8, 2022, 4:22 AM
Page 1 (17)


Similar Part No. - 1788198

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1788100000 WEIDMULLER-1788100000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1788101 PHOENIX-1788101 Datasheet
666Kb / 16P
UMSTBVK 2,5/20-GF-5,08 - DIN rail connector
logo
Weidmuller
1788110000 WEIDMULLER-1788110000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1788114 PHOENIX-1788114 Datasheet
148Kb / 7P
FKCS 2,5/ 2-ST-5,08
1788114 PHOENIX-1788114 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
More results

Similar Description - 1788198

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787940 PHOENIX-1787940 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 4-GF-5,08
Jan 3, 2023
1787982 PHOENIX-1787982 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 8-GF-5,08
Jan 3, 2023
1788279 PHOENIX-1788279 Datasheet
541Kb / 15P
DIN rail connector - UMSTBVK 2,5/18-G-5,08
Jan 3, 2023
1787953 PHOENIX-1787953 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 5-GF-5,08
1788020 PHOENIX-1788020 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/12-GF-5,08
1787966 PHOENIX-1787966 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 6-GF-5,08
1833959 PHOENIX-1833959 Datasheet
474Kb / 13P
UMSTBVK 2,5/16-ST-5,08 - DIN rail connector
1787979 PHOENIX-1787979 Datasheet
727Kb / 18P
UMSTBVK 2,5/ 7-GF-5,08 - DIN rail connector
1788091 PHOENIX-1788091 Datasheet
665Kb / 16P
UMSTBVK 2,5/19-GF-5,08 - DIN rail connector
1788101 PHOENIX-1788101 Datasheet
666Kb / 16P
UMSTBVK 2,5/20-GF-5,08 - DIN rail connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com