Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1788198 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1788198
Description  DIN rail connector - UMSTBVK 2,5/10-G-5,08
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1788198 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1788198 Datasheet HTML 1Page - PHOENIX CONTACT 1788198 Datasheet HTML 2Page - PHOENIX CONTACT 1788198 Datasheet HTML 3Page - PHOENIX CONTACT 1788198 Datasheet HTML 4Page - PHOENIX CONTACT 1788198 Datasheet HTML 5Page - PHOENIX CONTACT 1788198 Datasheet HTML 6Page - PHOENIX CONTACT 1788198 Datasheet HTML 7Page - PHOENIX CONTACT 1788198 Datasheet HTML 8Page - PHOENIX CONTACT 1788198 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Data
Product properties
Type
DIN rail mounting
Product line
COMBICON Connectors M
Product type
DIN rail connector
Number of positions
10
Pitch
5.08 mm
Number of connections
10
Number of rows
1
Mounting flange
without
Number of potentials
10
Solder pins per potential
1
Electrical properties
Nominal current IN
12 A
Nominal voltage UN
320 V
Pollution degree
3
Rated voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Connection data
Connection technology
Type
DIN rail mounting
Connector system
COMBICON MSTB 2,5
Nominal cross section
2.5 mm²
Type of contact
Male connector
Interlock
Locking type
without
Mounting flange
without
Conductor connection
Connection method
Screw connection with tension sleeve
Connection direction of the conductor to plug-in direction
0 °
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 2.5 mm²
2 conductors with same cross section, solid
0.2 mm² ... 1 mm²
DIN rail connector - UMSTBVK 2,5/10-G-5,08
1788198
https://www.phoenixcontact.com/us/products/1788198
Sep 8, 2022, 4:22 AM
Page 2 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com