Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82001 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 4 Page - Texas Instruments

  DAC82001 Datasheet HTML 1Page - Texas Instruments DAC82001 Datasheet HTML 2Page - Texas Instruments DAC82001 Datasheet HTML 3Page - Texas Instruments DAC82001 Datasheet HTML 4Page - Texas Instruments DAC82001 Datasheet HTML 5Page - Texas Instruments DAC82001 Datasheet HTML 6Page - Texas Instruments DAC82001 Datasheet HTML 7Page - Texas Instruments DAC82001 Datasheet HTML 8Page - Texas Instruments DAC82001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Input voltage
VDD to AGND
–0.3
6
V
VREF to AGND
–0.3
VDD + 0.3
Digital inputs to AGND
–0.3
VDD + 0.3
Output voltage, VOUT to AGND
–0.3
VDD + 0.3
V
Input current into any digital pin
–10
10
mA
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1500
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VS
Positive supply voltage to ground, VDD to AGND
2.7
5.5
V
DIGITAL INPUTS
VIH
Input high voltage
1.62
V
VIL
Input low voltage
0.45
V
REFERENCE INPUT
VREF
Reference voltage to ground, VREF to AGND
2.0
VDD
V
TEMPERATURE
TA
Operating temperature
–40
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
DAC82001
UNIT
DRX (WSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
99.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.9
°C/W
RθJB
Junction-to-board thermal resistance
35.9
°C/W
ΨJT
Junction-to-top characterization parameter
1.7
°C/W
ΨJB
Junction-to-board characterization parameter
35.7
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com