Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82001 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 17Page - Texas Instruments DAC82001 Datasheet HTML 18Page - Texas Instruments DAC82001 Datasheet HTML 19Page - Texas Instruments DAC82001 Datasheet HTML 20Page - Texas Instruments DAC82001 Datasheet HTML 21Page - Texas Instruments DAC82001 Datasheet HTML 22Page - Texas Instruments DAC82001 Datasheet HTML 23Page - Texas Instruments DAC82001 Datasheet HTML 24Page - Texas Instruments DAC82001 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
8.3 Power Supply Recommendations
The DAC82001 operates within the specified VDD supply range of 2.7 V to 5.5 V. The DAC82001 does not
require specific supply sequencing, but VREF must be less than VDD, as noted in the Absolute Maximum Ratings.
The VDD supply must be well-regulated and low-noise. Switching power supplies and DC/DC converters often
have high-frequency glitches or spikes riding on the output voltage. Digital components also create similar
high-frequency spikes. This noise can easily couple into the DAC output voltage through various paths between
the power connections and analog output. To further minimize noise from the power supply, include a 1-μF to
10-μF capacitor and 0.1-μF bypass capacitor.
8.4 Layout
8.4.1 Layout Guidelines
A precision analog component requires careful layout. The following list provides some insight into good layout
practices.
• Bypass the VDD to ground with a low ESR ceramic bypass capacitor. The typical recommended bypass
capacitance is 0.1-µF to 0.22-µF ceramic capacitor, with a X7R or NP0 dielectric.
• Bypass VREF to ground with low ESR ceramic bypass capacitors.
• Place power supplies and REF bypass capacitors close to the pins to minimize inductance and optimize
performance.
• The output pin, VOUT, has relatively high impedance and is susceptible to high parasitic capacitance. Use
short and direct traces when routing VOUT.
8.4.2 Layout Example
1
2
3
4
10
9
8
7
VDD
GND
Decoupling
Capacitor
GND
VOUT
Reference
Bypass
Capacitor
SYNC
SCLK
Pull-Down
Resistor
Ground and Power Planes Omitted for Clarity
Pull-up
Resistor
VDD
5
6
SDIN
GND
GND
Pull-Down
Resistor
(for Zero
Scale Reset)
DAC82001
Figure 8-8. Layout Example
www.ti.com
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com