Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82001 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 1 Page - Texas Instruments

  DAC82001 Datasheet HTML 1Page - Texas Instruments DAC82001 Datasheet HTML 2Page - Texas Instruments DAC82001 Datasheet HTML 3Page - Texas Instruments DAC82001 Datasheet HTML 4Page - Texas Instruments DAC82001 Datasheet HTML 5Page - Texas Instruments DAC82001 Datasheet HTML 6Page - Texas Instruments DAC82001 Datasheet HTML 7Page - Texas Instruments DAC82001 Datasheet HTML 8Page - Texas Instruments DAC82001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
1 Features
• 16-bit performance: 1-LSB DNL and 2-LSB INL
• Low glitch energy: 0.5 nV-s
• Fast settling: 1 µs
• Wide power supply: 2.7 V to 5.5 V
• Wide reference range: 2.0 V to VDD
• Low power: 250 µA at 5.0 V
• 3-wire serial peripheral interface (SPI) up to
50
‑MHz
• Reset to zero scale or midscale
• 1.62-V VIH with VDD = 5.5 V
• Temperature range: –40°C to +85°C
• Package: Tiny 10-pin WSON
2 Applications
• Oscilloscope (DSO)
• Battery test
• Semiconductor test
• Ultrasound scanner
• DC power supply, ac source, electronic load
3 Description
The 16-bit DAC82001 is a highly accurate, low-power,
single-channel digital-to-analog converter (DAC) with
an unbuffered voltage output.
The DAC82001 works with 3.3-V and 5-V supplies
and offers linearity of 1
‑LSB DNL and 2‑LSB INL.
The high accuracy combined with a tiny package
make the device an excellent choice for applications
such as gain and offset calibration, voltage set point
generation, and power-supply control. The DAC82001
incorporates a power-on-reset (POR) circuit. The
POR circuit makes sure that the DAC output powers
up at zero scale or midscale based on the status of
RSTSEL pin, and remains at that scale until a valid
code is written to the device. All internal registers are
asynchronously reset after the RESET pin is pulled
low.
The DAC82001 uses a versatile, three-wire serial
peripheral interface (SPI) that operates at clock rates
of up to 50 MHz.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DAC82001
DRX (WSON, 10)
2.50 mm × 2.50 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
VOUT
DAC
Register
DAC
Buffer
Power On Reset
VREF
SCLK
SDIN
AGND
VDD
DAC
RSTSEL
RESET
SYNC
Functional Block Diagram
Op
Amp
REF
Input
Buffer
Differential
Output
Single-
Ended to
Differential
Conversion
DAC82001
Op
Amp
0 V to +VREF
Single-Ended
Output
DAC82001 for Generating Time Gain
Compensation (TGC) Control
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC82001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
More results

Similar Description - DAC82001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
logo
Texas Instruments
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com