Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82001 Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 16Page - Texas Instruments DAC82001 Datasheet HTML 17Page - Texas Instruments DAC82001 Datasheet HTML 18Page - Texas Instruments DAC82001 Datasheet HTML 19Page - Texas Instruments DAC82001 Datasheet HTML 20Page - Texas Instruments DAC82001 Datasheet HTML 21Page - Texas Instruments DAC82001 Datasheet HTML 22Page - Texas Instruments DAC82001 Datasheet HTML 23Page - Texas Instruments DAC82001 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Figure 8-6 shows the output of the circuit rising from –10 V to +10 V, with the DAC starting at code 0x0000 and
ending at code 0xFFFF. The measured slew rate is 2.5 V/µs. The REF5025 is used as a 2.5-V reference.
Time (µs)
-5
-3
-1
1
3
5
7
9
11
13
15
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
DAC SYNC
DAC OUT
BUFFER OUT
DAC at code 0x0000 rising to code 0xFFFF
Figure 8-6. Bipolar Output Rising Slew Rate
Figure 8-7 shows the output of the circuit falling from +10 V to –10 V, with the DAC starting at code 0xFFFF and
ending at code 0x0000. This measured slew rate is 2.5 V/µs. The REF5025 is used as a 2.5-V reference.
Time (µs)
-5
-3
-1
1
3
5
7
9
11
13
15
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
DAC SYNC
DAC OUT
BUFFER OUT
DAC at code 0xFFFF falling to code 0x0000
Figure 8-7. Bipolar Output Falling Slew Rate
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com