Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EB Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LX64EB
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EB Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LX64EB Datasheet HTML 53Page - Lattice Semiconductor LX64EB Datasheet HTML 54Page - Lattice Semiconductor LX64EB Datasheet HTML 55Page - Lattice Semiconductor LX64EB Datasheet HTML 56Page - Lattice Semiconductor LX64EB Datasheet HTML 57Page - Lattice Semiconductor LX64EB Datasheet HTML 58Page - Lattice Semiconductor LX64EB Datasheet HTML 59Page - Lattice Semiconductor LX64EB Datasheet HTML 60Page - Lattice Semiconductor LX64EB Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
54
SEL0
-
-
-
-
-
-
-
D6
SEL1
-
-
-
-
-
-
-
D5
BK4_IO0/CLK_OUT2
4
16N
1A
7
0
HSI1A_CDRRSTb
-
FIFO2_FIFORSTb
C5
BK4_IO1
4
16P
1A
7
1
FIFO2_STRDb
6
--
B5
GND
4
-
-
-
-
-
-
GND
BK4_IO2
4
17N
1A
7
2
HSI1A_SINN
HSI1A_RECCLK
-
D4
BK4_IO3
4
17P
1A
7
3
HSI1A_SINP
HSI1A_RXD9/TXD9
FIFO2_DIN9/DOUT9
C4
GND
4
-
-
-
GND
BK4_IO4
4
18N
1A
7
4
-
HSI1A_RXD8/TXD8
FIFO2_DIN8/DOUT8
A6
BK4_IO5
4
18P
1A
7
5
CAL
HSI1A_RXD7/TXD7
FIFO2_DIN7/DOUT7
A5
BK4_IO6
4
19N
1A
7
6
HSI1A_SYDT
5
HSI1A_RXD6/TXD6
FIFO2_DIN6/DOUT6
A4
BK4_IO7
4
19P
1A
7
7
-
HSI1A_RXD5/TXD5
FIFO2_DIN5/DOUT5
A3
TMS
-
-
-
-
-
-
B3
TDI
-
-
-
-
-
-
-
A2
GND
-
-
-
-
-
-
-
GND
TDO
-
-
-
-
-
-
-
B1
TOE
-
-
-
-
-
-
-
B2
BK5_IO0
5
20P
1A
7
8
Note 4
HSI1A_RXD4/TXD4
FIFO2_DIN4/DOUT4
C1
BK5_IO1
5
20N
1A
7
9
HSI1_CSLOCK
HSI1A_RXD3/TXD3
FIFO2_DIN3/DOUT3
C2
BK5_IO2
5
21P
1A
7
10
-
HSI1A_RXD2/TXD2
FIFO2_DIN2/DOUT2
C3
BK5_IO3/Vref(4,5)
5
21N
1A
7
11
-
HSI1A_RXD1/TXD1
FIFO2_DIN1/DOUT1
D1
GND
5
-
-
-
-
-
-
GND
BK5_IO4
5
22P
1A
7
12
HSI1A_SOUTP
HSI1A_RXD0/TXD0
FIFO2_DIN0/DOUT0
D3
BK5_IO5
5
22N
1A
7
13
HSI1A_SOUTN
HSI1A_SYDT
5
-D2
GND
5
-
-
-
-
-
GND
BK5_IO6
5
23P
1A
7
14
SS_CLKIN1P
-
FIFO2_EMPTY
E2
BK5_IO7
5
23N
1A
7
15
SS_CLKIN1N
-
FIFO2_FULL
E3
GCLK/CE0
-
CLK0P
-
-
-
-
-
E4
GCLK/CE1
-
CLK0N
-
-
-
-
-
F4
BK6_IO0
6
24N
1B
0
SS_CLKOUT1N
-
FIFO3_EMPTY
F3
BK6_IO1
6
24P
1B
1
SS_CLKOUT1P
HSI1B_SYDT
5
-F2
GND
6
-
-
-
-
-
-
GND
BK6_IO2
6
25N
1B
2
HSI1B_SOUTN
HSI1B_RXD9/TXD9
FIFO3_DIN9/DOUT9
G3
BK6_IO3
6
25P
1B
3
HSI1B_SOUTP
HSI1B_RXD8/TXD8
FIFO3_DIN8/DOUT8
G2
GND
6
-
-
-
-
-
-
GND
BK6_IO4/Vref(Bank6,7)
6
26N
1B
4
FIFO3_STRDb
6
HSI1B_RXD7/TXD7
FIFO3_DIN7/DOUT7
G1
BK6_IO5
6
26P
1B
5
-
HSI1B_RXD6/TXD6
FIFO3_DIN6/DOUT6
H1
BK6_IO6
6
27N
1B
6
-
HSI1B_RXD5/TXD5
FIFO3_DIN5/DOUT5
H2
BK6_IO7/PLL_FBK2
6
27P
1B
7
HSI1B_SYDT
5
HSI1B_RXD4/TXD4
FIFO3_DIN4/DOUT4
J1
BK7_IO0
7
28P
1B
8
Note 4
HSI1B_RXD3/TXD3
FIFO3_DIN3/DOUT3
J3
BK7_IO1
7
28N
1B
9
-
HSI1B_RXD2/TXD2
FIFO3_DIN2/DOUT2
K2
BK7_IO2
7
29P
1B
10
-
HSI1B_RXD1/TXD1
FIFO3_DIN1/DOUT1
J4
BK7_IO3/PLL_RST2
7
29N
1B
11
-
HSI1B_RXD0/TXD0
FIFO3_DIN0/DOUT0
K3
GND
7
-
-
-
-
-
-
GND
BK7_IO4
7
30P
1B
12
HSI1B_SINP
-
-
G4
BK7_IO5
7
30N
1B
13
HSI1B_SINN
HSI1B_RECCLK
-
H4
ispGDX2-64 Logic Signal Connections (Continued)
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block
MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
100
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com