Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EB Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LX64EB
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EB Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LX64EB Datasheet HTML 7Page - Lattice Semiconductor LX64EB Datasheet HTML 8Page - Lattice Semiconductor LX64EB Datasheet HTML 9Page - Lattice Semiconductor LX64EB Datasheet HTML 10Page - Lattice Semiconductor LX64EB Datasheet HTML 11Page - Lattice Semiconductor LX64EB Datasheet HTML 12Page - Lattice Semiconductor LX64EB Datasheet HTML 13Page - Lattice Semiconductor LX64EB Datasheet HTML 14Page - Lattice Semiconductor LX64EB Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
8
Figure 5. ispGDX2-256 sysIO Banks
There are three classes of I/O interface standards implemented in the ispGDX2 devices. The first is the non-termi-
nated, single-ended interface; it includes the 3.3V LVTTL standard along with the 1.8V, 2.5V and 3.3V LVCMOS
interface standards. The slew rate and strength of these output buffers can be controlled individually. Additionally,
PCI 3.3, PCI-X and AGP-1X are all subsets of this interface type. The second interface class implemented is the
terminated, single-ended interface standard. This group of interfaces includes different versions of SSTL and HSTL
interfaces along with CTT and GTL+. Use of these I/O interfaces requires an additional VREF signal. At the system
level, a termination voltage, VTT, is also required. Typically, an output will be terminated to VTT at the receiving end
of the transmission line it is driving. The final types of interfaces implemented are the differential standards
LVPECL, LVDS and Bus LVDS. Table 3 shows the I/O standards supported by the ispGDX2 devices along with
nominal VCCO, VREF and VTT.
The ispGDX2 family also features 5V tolerant I/O. I/O banks with VCCO = 3.3V may have inputs driven to a maxi-
mum of 5.5V for easy interfacing with legacy systems. Up to 64 I/O pins per device may be driven by 5V inputs.
sysIO Bank 5
sysIO Bank 6
sysIO Bank 2
sysIO Bank 1
sysIO Bank 7
sysIO Bank 0
sysIO Bank 4
sysIO Bank 3
VCCO5
VREF5
GND
VCCO2
VREF2
GND
VCCO6
VREF6
GND
VCCO1
VREF1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com