Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EB Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LX64EB
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EB Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LX64EB Datasheet HTML 9Page - Lattice Semiconductor LX64EB Datasheet HTML 10Page - Lattice Semiconductor LX64EB Datasheet HTML 11Page - Lattice Semiconductor LX64EB Datasheet HTML 12Page - Lattice Semiconductor LX64EB Datasheet HTML 13Page - Lattice Semiconductor LX64EB Datasheet HTML 14Page - Lattice Semiconductor LX64EB Datasheet HTML 15Page - Lattice Semiconductor LX64EB Datasheet HTML 16Page - Lattice Semiconductor LX64EB Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
10
N divider is used to multiply the clock signal. The K divider is used to provide a divided clock frequency of the adja-
cent PLL. This output can be routed to the global clock net. The V divider is used to provide lower frequency output
clocks, while maintaining a stable, high frequency output from the PLL’s VCO circuit. The PLL also has a delay fea-
ture that allows the output clock to be advanced or delayed to improve set-up and clock-to-out times for better per-
formance. For more information on the PLL, please refer to Lattice technical note number TN1003, sysCLOCK PLL
Design and Usage Guidelines.
Figure 6. sysCLOCK PLL
There are four global clock networks routed to each MRB block. These global clocks, CLK0-3, can either be gener-
ated by the PLL circuits or supplied externally. External clock pins can be configured as single-ended or differential
(LVDS) input. Figure 7 illustrates how the sysCLOCK PLL inputs and outputs can be routed to the I/O pins or gen-
eral routing. Figure 10 shows the clock network for the ispGDX2-256 and Figure 8 shows the clock networks for
ispGDX2-128 and ispGDX2-64. The Reset (0) pin from the Control Array of selected GDX Blocks can be pro-
grammed to reset the M Divider of the PLLs. This provides a means for generating the reset signal internally.
Table 5 details which GDX Block provides reset to the PLLs.
Table 5. Internal Reset Input of the PLL (M Divider)
PLL0
PLL1
PLL2
PLL3
ispGDX2-256
GDX Block 5A
GDX Block 7B
GDX Block 1A
GDX Block 3B
ispGDX2-128
GDX Block 2A
—
GDX Block 0A
—
ispGDX2-64
GDX Block 0A
—
GDX Block 1B
—
CLK_IN
PLL_RST
PLL_FBK
PLL_LOCK
CLK_OUT
Clock Net
Input Clock
(M) Divider
1 to 32
PLL (n)
Programmable
+Delay
--------------------
Programmable
-Delay
To Adjacent_PLL
Feedback
Divider (N)
X 1 to 32
Post-scalar
(V) Divider
1, 2, 4, 8,
16, 32
Clock (K)
Divider
2, 4, 8,
16, 32
From
Adjacent_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com