Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EB Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # LX64EB
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EB Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button LX64EB Datasheet HTML 57Page - Lattice Semiconductor LX64EB Datasheet HTML 58Page - Lattice Semiconductor LX64EB Datasheet HTML 59Page - Lattice Semiconductor LX64EB Datasheet HTML 60Page - Lattice Semiconductor LX64EB Datasheet HTML 61Page - Lattice Semiconductor LX64EB Datasheet HTML 62Page - Lattice Semiconductor LX64EB Datasheet HTML 63Page - Lattice Semiconductor LX64EB Datasheet HTML 64Page - Lattice Semiconductor LX64EB Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
58
BK4_IO8
4
36N
2A
8
FIFO2A_STRDb
6
HSI2A_RXD7/TXD7
FIFO2A_DIN7/DOUT7
A4
BK4_IO9 / PLL_FB0
4
36P
2A
9
-
HSI2A_RXD6/TXD6
FIFO2A_DIN6/DOUT6
A3
BK4_IO10
4
37N
2A
10
HSI2A_SOUTN
HSI2A_RXD5/TXD5
FIFO2A_DIN5/DOUT5
C5
BK4_IO11
4
37P
2A
11
HSI2A_SOUTP
HSI2A_RXD4/TXD4
FIFO2A_DIN4/DOUT4
D5
GND
4
-
-
-
-
GND
BK4_IO12
4
38N
2A
12
-
HSI2A_RXD3/TXD3
FIFO2A_DIN3/DOUT3
B4
BK4_IO13
4
38P
2A
13
-
HSI2A_RXD2/TXD2
FIFO2A_DIN2/DOUT2
A2
BK4_IO14
4
39N
2A
14
Note 4
HSI2A_RXD1/TXD1
FIFO2A_DIN1/DOUT1
B3
BK4_IO15 / VREF4
4
39P
2A
15
-
HSI2A_RXD0/TXD0
FIFO2A_DIN0/DOUT0
C4
GOE1
-
-
-
-
-
A8
TMS
-
-
-
-
-
-
R1
GND
5
-
-
-
-
-
GND
BK5_IO0 / VREF5
5
40P
2B
0
-
-
FIFO2B_EMPTY
D3
BK5_IO1
5
40N
2B
1
FIFO2B_STRDb
6
--
C2
BK5_IO2
5
41P
2B
2
HSI2B_CDRRSTb
HSI2B_RECCLK
FIFO2B_FIFORSTb
D2
BK5_IO3
5
41N
2B
3
HSI2B_SYDT
5
HSI2B_RXD9/TXD9
FIFO2B_DIN9/DOUT9
B1
BK5_IO4
5
42P
2B
4
HSI2B_SOUTP
HSI2B_RXD8/TXD8
FIFO2B_DIN8/DOUT8
E3
BK5_IO5
5
42N
2B
5
HSI2B_SOUTN
HSI2B_RXD7/TXD7
FIFO2B_DIN7/DOUT7
E4
BK5_IO6
5
43P
2B
6
-
HSI2B_RXD6/TXD6
FIFO2B_DIN6/DOUT6
F3
BK5_IO7
5
43N
2B
7
-
HSI2B_RXD5/TXD5
FIFO2B_DIN5/DOUT5
E2
BK5_IO8
5
44P
2B
8
Note 4
HSI2B_RXD4/TXD4
FIFO2B_DIN4/DOUT4
F2
BK5_IO9
5
44N
2B
9
HSI2_CSLOCK
HSI2B_RXD3/TXD3
FIFO2B_DIN3/DOUT3
C1
BK5_IO10
5
45P
2B
10
HSI2B_SINP
HSI2B_RXD2/TXD2
FIFO2B_DIN2/DOUT2
G3
BK5_IO11
5
45N
2B
11
HSI2B_SINN
HSI2B_RXD1/TXD1
FIFO2B_DIN1/DOUT1
G4
GND
5
-
-
-
-
-
GND
BK5_IO12
5
46P
2B
12
-
HSI2B_RXD0/TXD0
FIFO2B_DIN0/DOUT0
D1
BK5_IO13
5
46N
2B
13
-
HSI2B_SYDT
5
-G2
BK5_IO14
5
47P
2B
14
SS_CLKIN0P
-
-
H4
BK5_IO15 / CLK_OUT0
5
47N
2B
15
SS_CLKIN0N
-
FIFO2B_FULL
H3
GCLK/CE0
-
CLK0P
-
-
-
-
-
D9
SEL0
-
-
-
-
-
-
F1
SEL1
-
-
-
-
-
-
G1
GCLK/CE1
-
CLK0N
-
-
-
-
-
D8
BK6_IO0
6
48N
3A
0
SS_CLKOUT0N
-
FIFO3A_EMPTY
J4
BK6_IO1
6
48P
3A
1
SS_CLKOUT0P
-
-
J3
BK6_IO2
6
49N
3A
2
HSI3A_CDRRSTb
-
FIFO3A_FIFORSTb
K1
BK6_IO3
6
49P
3A
3
FIFO3A_STRDb
6
--
K2
GND
6
-
-
-
-
-
GND
BK6_IO4
6
50N
3A
4
HSI3A_SINN
HSI3A_RECCLK
-
K4
BK6_IO5
6
50P
3A
5
HSI3A_SINP
HSI3A_RXD9/TXD9
FIFO3A_DIN9/DOUT9
K3
BK6_IO6
6
51N
3A
6
-
HSI3A_RXD8/TXD8
FIFO3A_DIN8/DOUT8
L1
BK6_IO7
6
51P
3A
7
-
HSI3A_RXD7/TXD7
FIFO3A_DIN7/DOUT7
L2
BK6_IO8
6
52N
3A
8
HSI3A_SYDT
5
HSI3A_RXD6/TXD6
FIFO3A_DIN6/DOUT6
N1
BK6_IO9
6
52P
3A
9
HSI3_CSLOCK
HSI3A_RXD5/TXD5
FIFO3A_DIN5/DOUT5
M2
BK6_IO10
6
53N
3A
10
HSI3A_SOUTN
HSI3A_RXD4/TXD4
FIFO3A_DIN4/DOUT4
M4
BK6_IO11
6
53P
3A
11
HSI3A_SOUTP
HSI3A_RXD3/TXD3
FIFO3A_DIN3/DOUT3
M3
ispGDX2-128 Logic Signal Connections (Continued)
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
208
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com