Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT-KGD Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28R400CT-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT-KGD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28R400CT-KGD Datasheet HTML 2Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 9Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M28R400CT-KGD, M28R400CB-KGD
6/11
Table 8. Pad Extraction
Note: 1. All pad placements are referred to the center of the chip and center of the pad. The coordinates can be used to operate wire bonding
equipment.
2. NC = Pad not connected.
3. Dimensions are given in microns.
Pad
Number
Pad
Function
Pad Placement
Pad
Number
Pad
Function
Pad Placement
XY
XY
1
A15
–1612.24
1068.60
24
VSS
1385.72
–1023.68
2
A14
–1477.72
1068.60
25
G
1266.60
–1023.68
3
A13
–1315.88
1068.60
26
DQ0
1141.00
–1023.68
4
A12
–1190.28
1068.60
27
DQ8
1008.92
–1023.68
5
A11
–1071.16
1068.60
28
DQ1
889.80
–1023.68
6
A10
–945.56
1068.60
29
DQ9
757.72
–1023.68
7
A9
–783.72
1068.60
30
DQ2
638.80
–1023.68
8
A8
–658.12
1068.60
31
DQ10
506.52
–1023.68
9W
–539.00
1068.60
32
DQ3
387.40
–1023.68
10
RP
–377.16
1068.60
33
DQ11
255.32
–1023.68
11
VPP
249.16
1068.60
34
VDD
136.20
–1023.68
12
WP
374.76
1068.60
35
DQ4
–255.08
–1023.68
13
NC
536.60
1068.60
36
DQ12
–387.16
–1023.68
14
A17
655.72
1068.60
37
DQ5
–506.28
–1023.68
15
A7
781.32
1068.60
38
DQ13
–638.36
–1023.68
16
A6
943.16
1068.60
39
DQ6
–757.48
–1023.68
17
A5
1068.76
1068.60
40
DQ14
–889.56
–1023.68
18
A4
1187.88
1068.60
41
DQ7
–1008.68
–1023.68
19
A3
1313.48
1068.60
42
DQ15
–1140.76
–1023.68
20
A2
1475.32
1068.60
43
NC
–1266.36
–1023.68
21
A1
1609.84
1068.60
44
VSS
–1385.48
–1023.68
22
A0
1636.92
–1023.68
45
VDDQ
–1504.60
–1023.68
23
E
1504.84
–1023.68
46
A16
–1636.68
–1023.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com