Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT-KGD Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28R400CT-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT-KGD Datasheet(HTML) 3 Page - STMicroelectronics

  M28R400CT-KGD Datasheet HTML 1Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 2Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
M28R400CT-KGD, M28R400CB-KGD
SUMMARY DESCRIPTION
The M28R400C are available as Known Good
Dice.
STMicroelectronics defines Known Good Dice as
standard products offered as dice and tested for
functionality and speed. ST's Known Good Die
products are as reliable and of the same quality as
products delivered in packages.
This datasheet should be read in conjunction with
the full M28R400C datasheet.
The M28R400C is a 4 Mbit (256Kbit x 16) non-vol-
atile Flash memory that can be erased electrically
at the block level and programmed in-system on a
Word-by-Word basis. These operations can be
performed using a single low voltage (1.65 to
2.2V) supply. VDDQ allows to drive the I/O pin
down to 1.65V. An optional 12V VPP power supply
is provided to speed up customer programming.
The device features an asymmetrical blocked ar-
chitecture. The M28R400C has an array of 15
blocks: 8 Parameter Blocks of 4 KWord and 7
Main Blocks of 32 KWord. M28R400CT has the
Parameter Blocks at the top of the memory ad-
dress space while the M28R400CB locates the
Parameter Blocks starting from the bottom.
The M28R400C features an instant, individual
block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and block
erase. When VPP ≤VPPLK all blocks are protected
against program or block erase. All blocks are
locked at power-up.
Each block can be erased separately. Erase can
be suspended in order to perform either read or
program in any other block and then resumed.
Program can be suspended to read data in any
other block and then resumed. Each block can be
programmed and erased over 100,000 cycles.
The device includes a 128 bit Protection Register
and a Security Block to increase the protection of
a system design. The Protection Register is divid-
ed into two 64 bit segments, the first one contains
a unique device number written by ST, while the
second one is one-time-programmable by the us-
er. The user programmable segment can be per-
manently
protected.
The
Security
Block,
parameter block 0, can be permanently protected
by the user.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards.
The M28R400C are supplied with all the bits
erased (set to ‘1’)
Figure 2. Logic Diagram
Table 1. Signal Names
A0-A17
Address Inputs
DQ0-DQ15
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset
WP
Write Protect
VDD
Core Power Supply
VDDQ
Power Supply for
Input/Output
VPP
Optional Supply Voltage for
Fast Program & Erase
VSS
Ground
AI04392
18
A0-A17
W
DQ0-DQ15
VDD
M28R400CT
M28R400CB
E
VSS
16
G
RP
WP
VDDQ VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com