Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT-KGD Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28R400CT-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT-KGD Datasheet(HTML) 4 Page - STMicroelectronics

  M28R400CT-KGD Datasheet HTML 1Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 2Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M28R400CT-KGD, M28R400CB-KGD
4/11
FUNCTIONAL SPECIFICATION
Refer to the M28R400C (document number 7653
on the ST Internet web site http://www.st.com) for
full functional and electrical specifications of the
product.
Table 2. and Table 3. give the main product spec-
ification and operating conditions while Table 4.
and Table 5. summarize the Read and Write AC
parameters which differ from those given in the
M28R400C datasheet.
See Table 6. and Table 7. for details of the die’s
physical specification and manufacturing.
Table 2. Product Specification
Table 3. Operating Conditions
Table 4. Read AC Characteristics
Table 5. Write AC Characteristics
Table 6. Physical Specification
Table 7. Manufacturing Information
Product Root Part Number
M28R400CT
M28R400CB
Speed Option
100ns
Delivery Form
Inked or mapped dice on
whole unsawn wafer
Supply Voltage
VDD = VDDQ = 1.65V to 2.2V
Junction Temperature
Under Bias
TJ (max) = 125°C
Operating Temperature
−40°C to +85°C
Symbol
Description
Value
Unit
tAVAV
Address Valid to Next
Address Valid (min)
100
ns
tAVQV
Address Valid to Output
Valid (max)
100
ns
tEHQZ
Chip Enable High to
Output Hi-Z (max)
25
ns
tELQV
Chip Enable Low to
Output Valid (max)
100
ns
tGHQZ
Output Enable High to
Output Hi-Z (max)
25
ns
tGLQV
Output Enable Low to
Output Valid (max)
30
ns
Symbol
Description
Value
Unit
tAVAV
Address Valid to Next
Address Valid (min)
100
ns
tELQV
Chip Enable Low to
Output Valid (max)
100
ns
Die Dimensions, X by Y
(with scribe line)
141.024 mils x 98.504 mils
3.582mm x 2.502mm
Die Dimensions, X by Y
(without scribe line)
137.008mils x 94.488mils
3.480mm x 2.400mm
Die Thickness
9.84 mils
725µm
Bond Pad Size
3.56 mils x 3.56 mils
90.4µm x 90.4µm
Pad Area Free of
Passivation
12.67 mils²
8172µm²
Pad per Die
46
Bond Pad Metallization
AlCU, TiN
Die Backside
No Metal
May be grounded
Passivation
USG, Si3N4
Manufacturing Location -
Die Revision
Catania (M5 fab), Italy – V2
Manufacturing Location -
Die Revision
Agrate (R2 fab), Italy – V1
Wafer Sort and Test
Location
Agrate and Catania, Italy
Manufacturing ID
SA2B9AZ
Preparation for Shipment
Agrate and Catania, Italy
Fabrication Process
0.18µm technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com