Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT-KGD Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28R400CT-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT-KGD Datasheet(HTML) 1 Page - STMicroelectronics

  M28R400CT-KGD Datasheet HTML 1Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 2Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
June 2004
M28R400CT-KGD
M28R400CB-KGD
Known Good Die
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VDD = 1.65V to 2.2V Core Power Supply
–VDDQ= 1.65V to 2.2V for Input/Output
–VPP = 12V for fast Program (optional)
■
ACCESS TIME: 100ns
■
PROGRAMMING TIME
–
10µs typical
–
Double Word Programming Option
■
COMMON FLASH INTERFACE
–
64 bit Security Code
■
MEMORY BLOCKS
–
Parameter Blocks (Top or Bottom
location)
–
Main Blocks
■
BLOCK LOCKING
–
All blocks locked at Power Up
–
Any combination of blocks can be locked
–WP for Block Lock-Down
■
SECURITY
–
64 bit user Programmable OTP cells
–
64 bit unique device identifier
–
One Parameter Block Permanently
Lockable
■
AUTOMATIC STAND-BY MODE
■
PROGRAM and ERASE SUSPEND
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Top Device Code, M28R400CT: 882Ah
–
Bottom Device Code, M28R400CB:
882Bh
Figure 1. Delivery Form
Wafer


Similar Part No. - M28R400CT-KGD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28R400CT STMICROELECTRONICS-M28R400CT Datasheet
755Kb / 50P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
03-Mar-2003
M28R400CT STMICROELECTRONICS-M28R400CT Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT120ZB1T STMICROELECTRONICS-M28R400CT120ZB1T Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT120ZB1U STMICROELECTRONICS-M28R400CT120ZB1U Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
More results

Similar Description - M28R400CT-KGD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28R400CT STMICROELECTRONICS-M28R400CT Datasheet
755Kb / 50P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
03-Mar-2003
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com