Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11W Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # H7CC-R11W
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11W Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button H7CC-R11W Datasheet HTML 23Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 24Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 25Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 26Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 27Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 28Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 29Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 30Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
27
H7CC-A
@
Counter
Note: 1. When the present value reaches 999999, it returns to 0.
2. Counting cannot be performed during reset/reset 1 input.
3. If reset/reset 1 is input while one-shot output is ON, one-shot output turns OFF.
4. If there is power interruption while output is ON, output will turn ON again when the power supply has recovered, if memory backup is
enabled.
For one-shot output, output will turn ON again for the duration of the output time setting once the power supply has recovered.
5. Do not use the counter function in applications where the count may be completed (again) while one-shot output is ON.
6. The setting range is 0 to 999999.
Input mode
Operation after count
completion
Output
mode
setting
Q
UP
DOWN
The present value
continues to increase/
decrease for the one-shot
output time, but returns to
the reset start status after
the one-shot output time
has elapsed.
The outputs repeat one-
shot operation.
OUT1 self-holding output
turns OFF after the OUT2
one-shot output time.
The OUT1 one-shot output
time is independent of
OUT2.
UP/DOWN A, B, C
UP/DOWN D, E, F
A
UP
DOWN
The present value display
and OUT1 self-holding
output is held until reset/
reset 1 is input.
OUT1 and OUT2 are
independent.
UP/DOWN A, B, C
UP/DOWN D, E, F
Self-holding
output
Self-holding
output
One-shot output from OUT1
One-shot
output from OUT2
(The one-shot output time
can be set in the range
0.01 to 99.99s.)
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com