Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11W Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # H7CC-R11W
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11W Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button H7CC-R11W Datasheet HTML 46Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 47Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 48Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 49Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 50Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 51Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 52Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 53Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
H7CC-R
@
50
(99999)
(0)
(999999)
(1)
Note:
Displayed only for
the -
@W@ type
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(KP-6)
(KP-7)
*
*
*
*
*
*
*
*
*
*
*
*
*
Output
Allocation
(OTST)
(OFF)
To
next page
From
next page
(Simple
averaging)
(Moving
average)
(No average
processing)
(Average of 2
measurements)
(Average of 4
measurements)
(Average of 8
measurements)
(Average of 16
measurements)
(999.9 s)
(0.1 s)
(99.9 s)
(0.0 s)
(PNP input)
(NPN input)
(Enabled)
(Disabled)
(19.99 s)
(0.00 s)
kp-1
off
on
0
99999
0.00
19.99
999999
1
kp-2
kp-3
kp-4
kp-5
kp-6
kp-7
npn
pnp
smp
mv
(ON)
on
off
off
24
8
16
• Set the output allocation using the UP1 Key (DW1 Key).
From previous
page
To previous
page
• Set each digit using the individual UP1 to UP5 Keys (DW1 to DW5 Keys).
Average
processing
(AVGN)
Averaging
method
(AVGT)
• Set the averaging method using the UP1 Key (DW1 Key).
• Set the number of averaging times using the UP1 Key (DW1 Key).
Auto-zero
time
(AUTO0)
• Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys).
Startup time
(STMR)
• Set each digit using the individual UP1 to UP3 Keys (DW1 to DW3 Keys).
• Set the NPN/PNP input mode using the UP1 Key (DW1 Key).
NPN/PNP
input mode
(IMOD)
Peak/bottom
hold enabled
(DHLD)
• Enable or disable the peak/bottom hold using the UP1 Key (DW1 Key).
Output
hysteresis
(HYS)
• Set the output hysteresis using the UP1 to UP5 Keys (DW1 to DW5 Keys).
Output OFF
delay
(OFFD)
• Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys).
Set value
upper limit
(SL-H)
• Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys).
Key protect
level
(KYPT)
• Set the key protect level using the UP1 Key (DW1 Key).
Note: OFF: Output 1 (OUT1) = 8, 9, 11 Output 2 (OUT2) = 4, 7 /
ON: Output 1 (OUT1) = 4, 7 Output 2 (OUT2) = 8, 9, 11 (The numbers are the terminals numbers.)
* Use UP1+UP3 to move up and
DW1+DW3 to move down
(99.999)
(1.000)
(0.001)
(MV)
(SMP)
Prescale value
(PSCL)
Note: Not displayed in AMD-compatible mode.
Note: Not displayed in AMD-compatible mode.
Note: The position of the decimal point for the value after prescaling will be set
according to the decimal point position setting.
Note: The position of the decimal point for the value after prescaling will be set
according to the decimal point position setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com