Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11W Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7CC-R11W
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11W Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7CC-R11W Datasheet HTML 1Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 2Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 3Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 4Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 5Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 6Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 7Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 8Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
H7CC
3
Model Number Legend (Not all possible combinations of functions are available.)
H7CC-
@@@@@
12 3 4 5
Ordering Information
List of Models
Type
Classification
Configuration
External
connections
Settings
Display
digits
Outputs
Power supply
voltage
Model
H7CC-A
Series
Preset counter
• 1-stage preset counter
• Total and preset
counter
8-pin socket
1-stage
6 digits
Contact output (SPST)
100 to 240 VAC
H7CC-A8
24 VAC/
12 to 48 VDC
H7CC-A8D
11-pin socket
Contact output (SPDT)
100 to 240 VAC
H7CC-A11
Transistor output (SPST)
H7CC-A11S
Contact output (SPDT)
24 VAC/
12 to 48 VDC
H7CC-A11D
Transistor output (SPST)
H7CC-A11SD
Screw
terminals
Contact output (SPDT)
100 to 240 VAC
H7CC-A
Transistor output (SPST)
H7CC-AS
Contact output (SPDT)
24 VAC/
12 to 48 VDC
H7CC-AD
Transistor output (SPST)
H7CC-ASD
Preset counter/
Tachometer
• 1-stage preset counter
• 2-stage preset counter
• Total and preset
counter
• Batch counter
• Dual counter
• Twin counter
• Tachometer
2-stage
Contact output
(SPST+SPDT)
100 to 240 VAC
H7CC-AW
Transistor output (DSPT)
H7CC-AWS
Contact output
(SPST+SPDT)
24 VAC/
12 to 48 VDC
H7CC-AWD
Transistor output (DSPT)
H7CC-AWSD
Contact output (SPDT) +
Transistor output (SPST)
100 to 240 VAC
H7CC-AU
24 VAC/
12 to 48 VDC
H7CC-AUD
H7CC-R
Series
Tachometer
• Tachometer
11-pin socket
1-stage
(1 input and
output)
Contact output (SPDT)
100 to 240 VAC
H7CC-R11
24 VAC/
12 to 48 VDC
H7CC-R11D
1 stage
(2 inputs and
outputs)
Contact output
(SPDT+SPST)
100 to 240 VAC
H7CC-R11W
24 VAC/
12 to 48 VDC
H7CC-R11WD
4. Output type
5. Supply voltage
Symbol
Meaning
None
Contact output
S
Transistor output
Symbol
Meaning
None
100 to 240 VAC at 50/60 Hz
D
24 VAC 50/60 Hz/12-48 VDC
1. Type
2. External connections
3. Settings
* The H7CC-R11W@ is a 1-stage (2 inputs and
outputs) rather than a 2-stage counter.
Symbol
Meaning
A
Standard type
R
Tachometer
Symbol
Meaning
None
Screw terminals
8
8-pin socket
11
11-pin socket
Symbol
Meaning
None
1-stage setting
W
2-stage setting
*
U
1-stage contact+1-stage Solid state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com