Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11W Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # H7CC-R11W
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11W Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button H7CC-R11W Datasheet HTML 43Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 44Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 45Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 46Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 47Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 48Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 49Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 50Page - Omron Electronics LLC H7CC-R11W Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
H7CC-R
@
47
Dimensions
(Unit: mm)
Tachometers
63.7
14.4
6
48
× 48
44.8
× 44.8
Dimensions without Flush Mounting Adapter
H7CC-R
@
Note: 1. The mounting panel thickness should be 1
to 5 mm.
2. To allow easier operation, it is
recommended that Adapters be mounted so
that the gap between sides with hooks is at
least 15 mm (i.e., with the panel cutouts
separated by at least 60 mm).
3. It is possible to horizontally mount Timers
side by side. Attach the Flush Mounting
Adapters so that the surfaces without hooks
are on the sides of the Timers. If Counters/
Tachometers are mounted side by side,
however, water resistance will be lost.
60 min.
60 min.
15 min.
45
+0.6
−0
45
+0.6
−0
n side by side mounting
A
With Y92A-48F1 attached.
With Y92A-48 attached.
A=(48n
−2.5)
+1
−0
A=(51n
−5.5) +1
−0
A={48n
−2.5+(n−1)×4} +1
−0
Panel Cutouts
Panel cutouts are as shown below
(according to DIN43700).
(51)
7.5
89.9
58
48
Dimensions with Flush Mounting Adapter
(Adapter and Waterproof Packing Ordered Separately)
H7CC-R
@
Dimensions with Front Connecting Socket
H7CC-R
@
H7CC-R
@
P2CF-11(-E) (order separately)
Front Connecting Socket
100.9
103.2
*
* These dimensions vary with the kind of DIN track
(reference value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com