Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 3 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 3 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: FW.12/01/22
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
R
ON vs. Output Current
23
24
25
26
27
28
0 0.5
1 1.5
2 2.5
3 3.5
4 4.5
Output Current (A)
Vin=5V
Quiescent Current vs. Input Voltage
0
15
30
45
60
75
2.53
3.54
4.55
5.56
Input Voltage (V)
EN Power on (I
OUT=0A)
EN Power off (I
OUT=0A)
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A
R
ON vs. Input Voltage
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com