Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 4 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 4 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: FW.12/01/22
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
V
IN Power on (IOUT=0A)
V
IN Power off (IOUT=0A)
EN Power off (I
OUT=3A)
Short Protection (I
OUT=short~0A)
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A
VIN
IIN
2V/div
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A
20ms/div
VIN=5V
VOUT=5V
VIN
IOUT=0A
IIN
2V/div
1A/div
VOUT
2V/div
VIN
IIN
2V/div
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
2V/div
1A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
2V/div
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A
20ms/div
VIN=5V
VOUT=5V
VIN
IOUT=0A
IIN
2V/div
1A/div
VOUT
2V/div
VIN
IIN
2V/div
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
2V/div
1A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=3A
Short Protection (I
OUT=0A~Short)
EN Power on (I
OUT=3A)
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A~short
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VEN
IIN
5V/div
2A/div
VOUT
2V/div
400us/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
IIN
5V/div
2A/div
VOUT
5V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=short~0A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com