Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 1 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 1 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: FW.12/01/22
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
The LS0504EDD12 is a compact, low R
ON load switch with
controlled slew rate. The device operates over an input voltage
range of 1.8V to 5.5V and can support maximum continuous
current of 4A.
The controlled output slew rate greatly reduces inrush current at
start-up when charging large bulk load capacitances, thereby
minimizes input supply voltage droop. LS0504E comes with built-
in full protections against over current, over voltage and over
temperature. It provides an accurate enable threshold which allows
users to program input under-voltage lockout (UVLO) threshold
through external resistor divider network. It has built-in 8Ω resistor
for quick output discharge at disable.
Features
RoHS Pb
Pinout Designation
Description
Applications
OUT
EN
GND
IN
1
2
3
4
■ Wide Input Range from 1.8V
to 5.5V
■ Low R
ON at 26mΩ
■ Up to 4A continuous current
■ Built-in Over-Voltage,
Over-Current and Over
Temperature Fault
Protections
■ 250µs internal Soft-start for
5V output
■ Accurate 1.2V Enable
Threshold
■ Quick Output Discharge in
Shutdown
■ Solid-state Drives
■ Wearable IOT Devices
■ Portable Medical
Equipment
■ Portable Media Players
■ Smartphones and Tablets
IN
EN
OUT
C
O
10F
GND
V
OUT
V
IN : 1.8V~5.5V
6V
TVS
Diode
*Optional
220F
C
IN
LS0504E
10F
C
EN
0.1 F
NC
R
EN2
R
EN1
+
10K
*Optional
Typical Applications
OVP
UVLO
Charge
Pump
IN
EN
GND
Thermal
Detect
Current
Limit
Driver
OUT
Discharge
Control
8Ω
Functional Block Diagram
Pin
Name
Pin #
Description
GND
1
Ground pin.
EN
2
Enable pin. EN has accurate 1.20V ON threshold.
Pull EN pin above ON threshold enables the
LS0504E. Pull EN pin below 0.4V disables the
LS0504EDD12.
IN
3
Input pin. Connect a 10µF or greater ceramic
capacitor from IN to GND close to the IC
OUT
4
Output pin. Connect a 10µF or greater ceramic
capacitor from OUT to GND close to the IC
Pin Description
*USB Port Connection
When the input of LS0504E is connected to a USB port, recommend to add either a 6V Rating TVS diode
or a 220μF Aluminum Cap to absorb input surge current during USB cable hot plug-in.


Similar Part No. - LS0504EDD12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
LS0504EDD12 LITTELFUSE-LS0504EDD12_V01 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
More results

Similar Description - LS0504EDD12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1300 AOSMD-AOZ1300 Datasheet
1Mb / 12P
Programmable 4A Power Distribution Switch
logo
ON Semiconductor
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 1
NCP45524 ONSEMI-NCP45524 Datasheet
140Kb / 10P
Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 0
logo
Semtech Corporation
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
SG Micro Corp
SGM2564 SGMICRO-SGM2564 Datasheet
818Kb / 14P
5.5V, 4A, 16mΩ RON Load Switch with Reverse Current Protection
MAY2022-REV.A.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com