Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 7 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 7 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: FW.12/01/22
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Average ramp up rate (Tsmin toT
P)
1~2°C/second, 3°C/
second max.
Preheat &
Soak
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 120 secs
Time
maintained
above
- Temperature(T
L)
217°C
- Time(t
L)
60~150 seconds
Peak Temperature (T
P)
See Classification Temp
intable1
Time within 5°C of actual peak
Temperature (t
p)
30 seconds max
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Soldering Parameters
Note 1: Tolerance for peak profile Temperature(Tp) is defined as a supplier minimum and a user maximum.
Note 2:Tolerance for time at peak profile temperature (tp)is defined as a supplier minimum and a user maximum.
Table 1. Pb-freeProcess –Classification
Temperatures (T
C)
PackageThickness
Volume
mm3
<350
Volume
mm3
350-2000
Volume
mm3
>2000
<1.6mm
260°C
260°C
260°C
1.6mm–2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Note: For all temperature information, please refer to topside of the package, measured on the package body
surface..
Part Number
Package
Min. Order Qty.
LS0504EDD12
DFN1.2x1.6_4L
3000/Tape & Reel
Ordering Information
Part Code
504
YWX
Y:Year Code
W: Weekly Code
X: Control Code
05 04 EDD12
Current
04:4A
Efuse for Power
Distribution
Package Type
DFN1.2x1.6_4L
Operation Voltage
05:5V
Littelfuse
LS
Part Numbering
Part Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com