Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR340 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR340
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR340 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR340 Datasheet HTML 1Page - Diodes Incorporated APR340 Datasheet HTML 2Page - Diodes Incorporated APR340 Datasheet HTML 3Page - Diodes Incorporated APR340 Datasheet HTML 4Page - Diodes Incorporated APR340 Datasheet HTML 5Page - Diodes Incorporated APR340 Datasheet HTML 6Page - Diodes Incorporated APR340 Datasheet HTML 7Page - Diodes Incorporated APR340 Datasheet HTML 8Page - Diodes Incorporated APR340 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APR340
Document number: DS43230 Rev. 3 - 2
4 of 9
www.diodes.com
May 2021
© Diodes Incorporated
APR340
Electrical Characteristics (@ VCC = 5V, TA = -40°C < TA < +85°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin )
ISTARTUP
Startup Current
VCC = VSTARTUP-0.1V
150
µA
IOP
Operating Current
VDET Pin Floating
VCC = 5V
150
µA
VSTARTUP
Startup Voltage
2.4
V
UVLO
2.2
V
VDD_ENABLE
VDD Enable Falling Threshold at VCC Pin
4.6
V
VDD_DISABLE
VDD Disable Rising Threshold at VCC Pin
4.75
V
VDD_HYS
VDD Disable Hysteresis at VIN Pin
150
mV
VDD Pin
VDD
Internal Power Supply Voltage
5.5
V
Gate Driver
VTHON
Gate Turn On Threshold
0
1
V
VTHOFF
Gate Turn Off Threshold
-5
mV
tDON
Turn On Delay Time
From VTHON to VDRISR = 1V
70
180
ns
tDOFF
Turn Off Propagation Delay Time
From VTHOFF to VDRISR = 4V
100
150
ns
tRG
Turn On Rising Time
From 1V to 4V, VCC = 5V,
CL = 4.7nF
50
100
ns
tFG
Turn Off Falling Time
From 4V to 1V, VCC = 5V,
CL = 4.7nF
20
100
ns
tON_MIN
Minimum On Time
1.2
1.6
2
µs
tOFF_MIN
Minimum Off Time
2
µs
VDRISR
SR Drive Voltage
VCC < 4.6V
VDD-0.1
V
VCC > 4.75V
VCC-0.1
KQS
(Note 6)
0.42
mA*
μs
VS_MIN
Synchronous Rectification (SR) Minimum
Operating Voltage (Note 7)
4.5
V
Green Mode (Note 8)
tLL
Minimum Off Time to Enter Green Mode
600
μs
Notes:
6. This item is used to specify the value of RAREF.
7. This item specifies the minimum SR operating voltage of VIN_DC, VIN_DC ≥ NPS*VS_MIN.
8. These parameters are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com