Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR340
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR340 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR340 Datasheet HTML 1Page - Diodes Incorporated APR340 Datasheet HTML 2Page - Diodes Incorporated APR340 Datasheet HTML 3Page - Diodes Incorporated APR340 Datasheet HTML 4Page - Diodes Incorporated APR340 Datasheet HTML 5Page - Diodes Incorporated APR340 Datasheet HTML 6Page - Diodes Incorporated APR340 Datasheet HTML 7Page - Diodes Incorporated APR340 Datasheet HTML 8Page - Diodes Incorporated APR340 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APR340
Document number: DS43230 Rev. 3 - 2
1 of 9
www.diodes.com
May 2021
© Diodes Incorporated
APR340
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Description
The APR340 is a secondary side MOSFET driver for synchronous
rectification in DCM operation.
The synchronous rectification can effectively reduce the secondary
side rectifier power dissipation and provide high performance
solution. By sensing primary MOSFET gate-to-source voltage, the
APR340 can output ideal drive signal with less external components.
The APR340 is available in the SOT26 package.
Features
Synchronous Rectification for DCM Operation Flyback
Eliminate Resonant Ring Interference
Fewest External Components
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
AREF
DRISR
VDET
GND
VCC
VDD
1
2
3
4
5
P in 1 M a rk
6
SOT26
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems,
MP3 and Other Portable Apparatus
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
+
C20
GND
VDET
DRISR
VCC
AREF
T1
Q2
APR340
2
1
3
4
6
C24
RAREF
CAREF
VDD
C23
5
Pin 1 Mark


Similar Part No. - APR340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150MTRG1 DIODES-APR34150MTRG1 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415B DIODES-APR3415B Datasheet
513Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415BMTR-G1 DIODES-APR3415BMTR-G1 Datasheet
513Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
Secondary Side Synchronous Rectification Controller IC
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR348 DIODES-APR348 Datasheet
377Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com