Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR340 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APR340
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR340 Datasheet(HTML) 7 Page - Diodes Incorporated

  APR340 Datasheet HTML 1Page - Diodes Incorporated APR340 Datasheet HTML 2Page - Diodes Incorporated APR340 Datasheet HTML 3Page - Diodes Incorporated APR340 Datasheet HTML 4Page - Diodes Incorporated APR340 Datasheet HTML 5Page - Diodes Incorporated APR340 Datasheet HTML 6Page - Diodes Incorporated APR340 Datasheet HTML 7Page - Diodes Incorporated APR340 Datasheet HTML 8Page - Diodes Incorporated APR340 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APR340
Document number: DS43230 Rev. 3 - 2
7 of 9
www.diodes.com
May 2021
© Diodes Incorporated
APR340
Synchronous Rectification Principle Description (continued)
VDD
The VDD is the output voltage of the Pulse Linear Regulator (PLR) or the Low Dropout Regulator (LDO). It provides bias voltage for the controller.
A capacitor (typically 4.7
μF) should be connected between the VDD pin and GND pin.
A Pulse Linear Regulator is integrated in the controller to provide voltage to the VDD pin of the APR340. With the PLR, the APR340 can operate at
a low voltage output condition, in which the system output voltage may drop to as low as 2V. The bias voltage will change from the PLR to the
LDO when the system output voltage is higher than 4.75V. In this case, the system output provides voltage to the APR340
’s VDD through the
internal LDO.
Ordering Information
Package
Product Name
W6 : SOT26
7 : 7" Tape & Reel
APR340 X
– X
Packing
Package
Temperature Range
Part Number
Marking ID
7
”Tape and Reel
Quantity
Part Number Suffix
SOT26
-40°C to +85°C
APR340W6-7
CY
3000/Tape and Reel
-7
Marking Information
1
2
3
6
4
XX Y W X
XX : Identification Code
Y : Year 0 to 9
X : Internal Code
(Top View)
5
W : Week : A to Z : 1 to 26 Week;
a to z : 27 to 52 Week; z Represents
52 and 53 Week



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com