Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR340 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR340
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR340 Datasheet(HTML) 6 Page - Diodes Incorporated

  APR340 Datasheet HTML 1Page - Diodes Incorporated APR340 Datasheet HTML 2Page - Diodes Incorporated APR340 Datasheet HTML 3Page - Diodes Incorporated APR340 Datasheet HTML 4Page - Diodes Incorporated APR340 Datasheet HTML 5Page - Diodes Incorporated APR340 Datasheet HTML 6Page - Diodes Incorporated APR340 Datasheet HTML 7Page - Diodes Incorporated APR340 Datasheet HTML 8Page - Diodes Incorporated APR340 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APR340
Document number: DS43230 Rev. 3 - 2
6 of 9
www.diodes.com
May 2021
© Diodes Incorporated
APR340
Synchronous Rectification Principle Description (continued)
The Value and Meaning of AREF Resistor
As to the DCM operation flyback converter
—after the secondary rectifier stops conducting, the resonance of the primary inductance and output
capacitance of the equivalent switch device creates the primary MOSFET drain-to-source ringing waveform. This ringing waveform may lead to
Synchronous Rectifier error conduction. To avoid this fault occurrence, the APR340 has a special function by means of volt-second product
detecting. Regarding the sensed voltage of the VDET pin, the volt-second product of a voltage above VCC at primary switch on-time is much
higher than that of each cycle ringing voltage above VCC. Therefore, before each time the Synchronous Rectifier turns on, the APR340 judges if
the detected volt-second product of the VDET voltage above VCC is higher than a threshold, and then turns on the Synchronous Rectifier. The
purpose of the AREF resistor is to calculate the volt-second product threshold. The APR340 has a parameter, Kqs, which converts the RAREF
value to the volt-second product.
Kqs
*
R
2
AREF
Area
In general, the Area1 and Area3 values depend on the system design and are always fixed if the system design is frozen. As to
Diodes’ PSR
design, the Area1 value changes with primary peak current value and Area3 value generally keeps constant in all conditions. So the AREF resistor
design should consider the worst case scenario and the minimum primary peak current condition. Because of the distribution of the system design
parameters, Area1 and Area3 may have moderate tolerance. So Area2 should be designed in the middle of Area1 and Area3 to ensure enough
design margins.
Area1
Kqs
*
R
3
Area
AREF
VDET
VCC
Area3
Area1=(VDET-VCC)*tONP
Area2=KQS*RAREF
Figure 2. AREF Function
SR Minimum Operating Voltage
The APR340 sets a minimum SR operating voltage by comparing the difference between VDET and the output voltage (VCC). When the value of
VDET–VCC is higher than its internal reference, the APR340 will begin to integrate the area of (VDET–VCC)*tONP. If not, the area integrating will not
begin and the SR driver will be disabled.
Recommended Application Circuit Parameters
The CAREF is recommended to be parallel with the AREF resistor to keep the volt-second product threshold stable. The recommended value of the
CAREF is 20nF. The recommended value of the C24 is 100nF. The value of the VDD capacitor C23 is 4.7μF.
Green Mode at Light Load
When the system is running with light load, rectifier conduction loss no longer dominates the secondary-side power loss. In this condition, it is
recommended that the SR MOSFET stays off to save from driver loss.
The APR340 will sense the non-switching duration cycle-by-cycle. When the non-switching duration remains longer than the internal light load
timing tLL, the IC will shut down the gate driver, which will stay off for the next two cycles.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com