Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2A Datasheet(PDF) 12 Page - STMicroelectronics

Part # PCLT-2A
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PCLT-2A Datasheet HTML 8Page - STMicroelectronics PCLT-2A Datasheet HTML 9Page - STMicroelectronics PCLT-2A Datasheet HTML 10Page - STMicroelectronics PCLT-2A Datasheet HTML 11Page - STMicroelectronics PCLT-2A Datasheet HTML 12Page - STMicroelectronics PCLT-2A Datasheet HTML 13Page - STMicroelectronics PCLT-2A Datasheet HTML 14Page - STMicroelectronics PCLT-2A Datasheet HTML 15Page - STMicroelectronics PCLT-2A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
4 Input reverse polarity robustness
PCLT-2A
12/18
4
Input reverse polarity robustness
Each input of the PCLT circuit may be biased to a reverse polarity equal to - VCC. This case
corresponds to a connection mistake or a reverse biasing that is generated by the
demagnetization of a monitored inductive solenoid.
The involved input withstands the high reverse current up to 20 mA; its opto-coupler is OFF and
is protected by the conducting input diode. The input remains operational, and some extra
dissipation should be take place in their clamping protections.
Figure 12. Current sharing in the PCLT device when IN2 is biased at -30 V and IN1 at
+30 V.
Considering the supply operation, a reverse blocking diode can be connected between the
module ground and the common pin COM to protect the PCLT device against any spurious
reverse supply connection. Then, the whole module supply voltage rating is extended to ± 30 V.
OPTO
1
OPTO
2
Ω
750
750
Ω
I
1 = + 30V
I
2 = -30V
GND (0V)
Vcc = + 30V
COM
OUT
1
OUT
2
I
REG4
1N4007
V
C
PCLT-2
IN
2
IN
1
I
REG N
V
CL= 38 V
2.2 k
750
Ω
750
I
1
I
2 =-
3.6mA
9.7mA
13.3mA
COM
OUT
1
OUT
2
I
REG4
1N4007
V
C
PCLT-2
IN
2
IN
1
I
REG N
V
CL= 38 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com