Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2A Datasheet(PDF) 14 Page - STMicroelectronics

Part # PCLT-2A
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PCLT-2A Datasheet HTML 10Page - STMicroelectronics PCLT-2A Datasheet HTML 11Page - STMicroelectronics PCLT-2A Datasheet HTML 12Page - STMicroelectronics PCLT-2A Datasheet HTML 13Page - STMicroelectronics PCLT-2A Datasheet HTML 14Page - STMicroelectronics PCLT-2A Datasheet HTML 15Page - STMicroelectronics PCLT-2A Datasheet HTML 16Page - STMicroelectronics PCLT-2A Datasheet HTML 17Page - STMicroelectronics PCLT-2A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
6 Unisolated ASI-interface bus application diagram
PCLT-2A
14/18
6
Unisolated ASI-interface bus application diagram
6.1
AS-Interface Bus application overview
The AS-Interface bus is a low-end field bus for actuators and sensors in manufacturing &
industrial automation. Its electrical architecture uses an unshielded 2-wire yellow cable that
transports both the 24 V power supply of the field nodes and the serial bi-directional data
communication.
Figure 13. Simplified architecture of AS-Interface bus.
The data communication is achieved with a current carrier modulation superimposed over the
power wires. Therefore, the power bus terminals are filtered in order to maintain identical and
calibrated differential and common mode impedances measured by both master and slave
units.
6.2
Isolation of the sensor section and the supply from data/supply
bus
The PCLT can be designed as an interface between a proximity sensor and its associated slave
controller unit.
The sensor power supply is generated from the bus power supply with a filter and a regulator
that are inserted in the slave unit. In the same manner, the sensor logic signal is isolated from
the AS- Interface power supply bus to avoid any degradation of the data transmission.
A conventional way to achieve the interface with the PCLT and the AS- Interface controller is to
insert an opto-coupler between the AS-Interface controller and the PCLT that runs in opto-
coupler mode as shown on figure 1 (MOD=0).
I/O SLAVE
AS-i SLAVES
AS-i MASTER
I/O SLAVE
I/O SLAVE
I/O SLAVE
AS-i SLAVES
AS-i MASTER
I/O SLAVE
I/O SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com