Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2A Datasheet(PDF) 13 Page - STMicroelectronics

Part # PCLT-2A
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PCLT-2A Datasheet HTML 9Page - STMicroelectronics PCLT-2A Datasheet HTML 10Page - STMicroelectronics PCLT-2A Datasheet HTML 11Page - STMicroelectronics PCLT-2A Datasheet HTML 12Page - STMicroelectronics PCLT-2A Datasheet HTML 13Page - STMicroelectronics PCLT-2A Datasheet HTML 14Page - STMicroelectronics PCLT-2A Datasheet HTML 15Page - STMicroelectronics PCLT-2A Datasheet HTML 16Page - STMicroelectronics PCLT-2A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PCLT-2A
5 Programming of the PCLT-2A according to the input type requirement
13/18
5
Programming of the PCLT-2A according to the input
type requirement
The operation of the PCLT-2 can be set to the various logic input types defined in the
IEC61131-2 standard. The current reference of the input-limiting block of each channel is
programmable thanks to an external resistor RREF. Moreover, because the operating current is
different for each type, the external input resistor RI can be changed to improve the over-
voltage robustness of the whole circuit. Table 1 describes the input characteristics requirements
according to the IEC standard, and Table 2 the resistance values for the 1, 2, and 3 types and
the corresponding performances of the PCLT input.
Table 1.
IEC61131-2 requirements for logic input
Type
132
State
Parameter
Unit
OFF
IOFF MAX
mA
0.5
1.5
2
VOFF MAX
V
5
15 @ IOFF
5
11 @ IOFF
5
11 @ IOFF
ON
ION MIN
mA
226
VON MIN
V
151111
Table 2.
PCLT-2A setting for each type of logic input
Type
13
2
Setting
Unit
RREF
k
22
22
10
RI
k
2.2
1.2
0.75
RC
k
2.2
PERFORMANCES
IIN MIN
mA
2.8
2.8
6.1
IIN TYP
mA
3.6
3.6
7.6
IIN MAX
mA
4.3
4.3
8.8
ILED TYP
mA
2.1
2.1
4.4
SURGE w/RI
kV
> 1
1
0.5
ESD with RI
kV
8 in contact, 15 in air (class 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com