Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2A Datasheet(PDF) 16 Page - STMicroelectronics

Part # PCLT-2A
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PCLT-2A Datasheet HTML 10Page - STMicroelectronics PCLT-2A Datasheet HTML 11Page - STMicroelectronics PCLT-2A Datasheet HTML 12Page - STMicroelectronics PCLT-2A Datasheet HTML 13Page - STMicroelectronics PCLT-2A Datasheet HTML 14Page - STMicroelectronics PCLT-2A Datasheet HTML 15Page - STMicroelectronics PCLT-2A Datasheet HTML 16Page - STMicroelectronics PCLT-2A Datasheet HTML 17Page - STMicroelectronics PCLT-2A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
7 Package mechanical data
PCLT-2A
16/18
7
Package mechanical data
Figure 15. Footprint
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.8
1.0
1.05
0.031 0.039 0.041
b
0.19
0.3
0.007
0.012
c
0.09
0.2
0.003
0.008
D
4.9
5.0
5.1
0.193 0.197 0.200
E
6.2
6.4
6.6
0.244 0.252 0.260
E1
4.3
4.4
4.5
0.169 0.173 0.177
e
0.65
0.025
L
0.45
0.6
0.75
0.018 0.024 0.029
L1
1.0
0.039
k0°
8°
0°
8°
aaa
0.1
0.004
D1
3.6
0.142
E2
3.0
0.118
C
E1
E
E2
D1
A
A2
A1
b
D
0.25 mm
Gauge plane
k
L
L1
8
7
1
14
PIN 1 INDENTIFICATION
e
4.40
0.65
1.20
3.00
3.10
0.40
0.70
6.80
dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com