Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet - Rev 2.2
06/2004
3
ARA2000
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G5
10
C0
s
s
e
r
d
d
A
e
c
i
v
e
D
2V
N
T
T
A
r
o
t
a
u
n
e
t
t
A
r
o
f
y
l
p
p
u
S6
11
C1
s
s
e
r
d
d
A
e
c
i
v
e
D
3T
T
A
N
I
)
+
(t
u
p
n
I
)
+
(
r
o
t
a
u
n
e
t
t
A
)
2
(
7
1C
/
Nn
o
i
t
c
e
n
n
o
C
o
N
)
1
(
41
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
1
A
r
e
i
f
il
p
m
A8
1D
N
G
S
O
M
C
l
a
t
i
g
i
D
r
o
f
d
n
u
o
r
G
t
i
u
c
r
i
C
S
O
M
C
51
A
N
I
)
+
(t
u
p
n
I
)
+
(
1
A
r
e
i
f
il
p
m
A
)
2
(
9
1T
T
A
T
U
O
)
-
(t
u
p
t
u
O
)
-
(
r
o
t
a
u
n
e
t
t
A
)
2
(
61
g
Vl
o
r
t
n
o
C
)
-
/
+
(
1
A
r
e
i
f
il
p
m
A0
22
A
N
I
)
-
(t
u
p
n
I
)
-
(
2
A
r
e
i
f
il
p
m
A
)
2
(
7I
1
T
E
S
t
n
e
r
r
u
C
)
-
/
+
(
1
A
r
e
i
f
il
p
m
A
t
s
u
j
d
A
1
22
A
T
U
O
)
-
(t
u
p
t
u
O
)
-
(
2
A
r
e
i
f
il
p
m
A
81
A
N
I
)
-
(t
u
p
n
I
)
-
(
1
A
r
e
i
f
il
p
m
A
)
2
(
2
2I
2
T
E
S
)
-
/
+
(
2
A
r
e
i
f
il
p
m
A
t
s
u
j
d
A
t
n
e
r
r
u
C
91
A
T
U
O
)
-
(t
u
p
t
u
O
)
-
(
1
A
r
e
i
f
il
p
m
A3
22
g
V
l
o
r
t
n
o
C
)
-
/
+
(
2
A
r
e
i
f
il
p
m
A
0
1T
T
A
N
I
)
-
(t
u
p
n
I
)
-
(
r
o
t
a
u
n
e
t
t
A
)
2
(
4
22
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
2
A
r
e
i
f
il
p
m
A
1
1V
S
O
M
C
l
a
t
i
g
i
D
r
o
F
y
l
p
p
u
S
t
i
u
c
r
i
C
S
O
M
C
5
22
A
N
I
)
+
(t
u
p
n
I
)
+
(
2
A
r
e
i
f
il
p
m
A
)
2
(
2
1K
L
Ck
c
o
l
C6
2T
T
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
r
o
t
a
u
n
e
t
t
A
)
2
(
3
1T
A
Da
t
a
D7
2C
/
Nn
o
i
t
c
e
n
n
o
C
o
N
)
1
(
4
1N
Ee
l
b
a
n
E8
2D
N
Gd
n
u
o
r
G
Notes:
(1) All N/C pins should be grounded.
(2) Pins should be AC-coupled. No external DC bias should be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com