Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 14 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 14 Page - ANADIGICS, Inc

Back Button ARA2000 Datasheet HTML 10Page - ANADIGICS, Inc ARA2000 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000 Datasheet HTML 12Page - ANADIGICS, Inc ARA2000 Datasheet HTML 13Page - ANADIGICS, Inc ARA2000 Datasheet HTML 14Page - ANADIGICS, Inc ARA2000 Datasheet HTML 15Page - ANADIGICS, Inc ARA2000 Datasheet HTML 16Page - ANADIGICS, Inc ARA2000 Datasheet HTML 17Page - ANADIGICS, Inc ARA2000 Datasheet HTML 18Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Data Sheet - Rev 2.2
06/2004
ARA2000
Figure 19: Solder Mask Outline
Output Transformer
Matching the output of the ARA2000 to a 75 Ohm
load is accomplished using a 2:1 turns ratio
transformer. In addition to providing an impedance
transformation, this transformer provides the bias to
the output amplifier stage via the center tap.
The transformer also cancels even mode distortion
products and common mode signals, such as the
voltage transients that occur while enabling and
disabling the amplifiers. As a result, care must be
taken when selecting the transformer to be used at
the output. It must be capable of handling the RF
and DC power requirements without saturating the
core, and it must have adequate isolation and good
phase and amplitude balance. It also must operate
over the desired frequency and temperature range
for the intended application.
ESD Sensitivity
Electrostatic discharges can cause permanent
damage to this device.
Electrostatic charges
accumulate on test equipment and the human body,
and can discharge without detection.
Proper
precautions
and
handling
are
strongly
recommended. Refer to the ANADIGICS application
note on ESD precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com