Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Data Sheet - Rev 2.2
06/2004
ARA2000
continued: AC Electrical Specifications
TA=25°C; VDD, VATTN, VCMOS = +5.0 VDC; Vg1, Vg2 = +1.0 V (TX enabled); Vg1, Vg2 = 0 V (TX disabled)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
r
e
w
o
P
e
s
i
o
N
t
u
p
t
u
O
.
t
e
S
.
n
e
t
t
A
.
n
i
M
/
l
a
n
g
i
S
o
N
/
e
v
i
t
c
A
.
t
e
S
.
n
e
t
t
A
.
x
a
M
/
l
a
n
g
i
S
o
N
/
e
v
i
t
c
A
-
-
-
-
5
.
8
3
-
8
.
3
5
-
V
m
B
dh
t
d
i
w
d
n
a
b
z
H
k
0
6
1
y
n
A
z
H
M
2
4
o
t
5
m
o
r
f
e
d
o
m
e
l
b
a
s
i
d
x
T
n
i
)
z
H
M
5
4
(
n
o
i
t
a
l
o
s
I-
5
6-
B
d
t
u
p
t
u
o
n
i
e
c
n
e
r
e
f
f
i
D
x
T
n
e
e
w
t
e
b
l
a
n
g
i
s
e
l
b
a
s
i
d
x
T
d
n
a
e
l
b
a
n
e
e
c
n
a
d
e
p
m
I
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D-
0
0
3-
s
m
h
O
8
d
n
a
5
s
n
i
p
n
e
e
w
t
e
b
)
d
e
l
b
a
n
e
x
T
(
e
c
n
a
d
e
p
m
I
t
u
p
n
I-
5
7-
s
m
h
O
r
e
m
r
o
f
s
n
a
r
t
h
t
i
w
)
d
e
l
b
a
n
e
x
T
(
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
)
e
c
n
a
d
e
p
m
i
c
i
t
s
i
r
e
t
c
a
r
a
h
c
m
h
O
5
7
(
-
-
0
2
-
5
-
2
1
-
-
B
d
d
e
l
b
a
n
e
x
T
d
e
l
b
a
s
i
d
x
T
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D-
0
0
3-
s
m
h
O4
2
d
n
a
1
2
s
n
i
p
n
e
e
w
t
e
b
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O-
5
7-
s
m
h
Or
e
m
r
o
f
s
n
a
r
t
h
t
i
w
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
)
e
c
n
a
d
e
p
m
i
c
i
t
s
i
r
e
t
c
a
r
a
h
c
m
h
O
5
7
(
-
-
7
1
-
5
1
-
2
1
-
0
1
-
B
d
d
e
l
b
a
n
e
x
T
d
e
l
b
a
s
i
d
x
T
t
n
e
i
s
n
a
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
e
l
b
a
s
i
d
x
T
/
e
l
b
a
n
e
x
T
-
-
-
4
0
0
1
7
p
-
p
V
m
g
n
i
t
t
e
s
r
o
t
a
u
n
e
t
t
a
B
d
0
g
n
i
t
t
e
s
r
o
t
a
u
n
e
t
t
a
B
d
4
2
Note: As measured in ANADIGICS test fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com