Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
06/2004
ARA2000
Address-Programmable Reverse
Amplifier with Step Attenuator
Data Sheet - Rev 2.2
FEATURES
•
Low cost integrated amplifier with step
attenuator
•
Attenuation Range: 0-58 dB, adjustable in 1dB
increments via a 3 wire serial control
•
Meets DOCSIS distortion requirements at a
+60dBmV output signal level
•
Programmable address allows multiple parts
to share control bus
•
Low distortion and low noise
•
Frequency range: 5-100MHz
•
5 Volt operation
•
-40 to +85 oC temperature range
APPLICATIONS
•
MCNS/DOCSIS Compliant Cable Modems
•
CATV Interactive Set-Top Box
•
Telephony over Cable Systems
•
OpenCable Set-Top Box
•
Residential Gateway
The ARA2000 is designed to provide the reverse
path amplification and output level control functions
in a CATV Set-Top Box or Cable Modem.
It
incorporates a digitally controlled precision step
attenuator that is preceded by an ultra low noise
amplifier stage, and followed by an ultra-linear
output driver amplifier. This device uses a balanced
circuit design that exceeds the MCNS/DOCSIS
requirement for harmonic performance at a
+60dBmV output level while only requiring a single
polarity +5V supply. Both the input and output are
matched to 75 ohms with an appropriate
transformer. The precision attenuator provides up
to 58 dB of attenuation in 1 dB increments. The
ARA2000 has a programmable address that allows
multiple devices to share a common control bus.
The ARA2000 is offered in a 28-pin SSOP package
featuring a heat slug on the bottom of the package.
PRODUCT DESCRIPTION
Figure 1: Cable Modem or Set Top Box Application Diagram
S12 Package
28 Pin SSOP
with Heat Slug
Diplexer
ARA2000
SAW
Filter
Double-
Conversion
Tuner
MAC
Upstream
QPSK/16QAM
Modulator
QAM Receiver
with FEC
Balun
Low Pass
Filter
Transmit Enable/Disable
Enable
Data
Clock
Address Control
2
Microcontroller
with Ethernet
MAC
RAM
ROM
10Base-T
Transceiver
RJ45
Connector
Clock
Clock
Data
Data
54-860 MHz
44 MHz
5-42 MHz


Similar Part No. - ARA2000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2000 ANADIGICS-ARA2000_11 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
More results

Similar Description - ARA2000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
Reverse Amplifier with Step Attenuator
Rev 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 2.2
ARA2000 ANADIGICS-ARA2000_11 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
ARA2004 ANADIGICS-ARA2004_11 Datasheet
897Kb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
rev 2.2
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA2004 SKYWORKS-ARA2004 Datasheet
655Kb / 20P
Address-Programmable Reverse Amplifier with Step Attenuator
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com