Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1513 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
5 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
Performance Characteristics (Cont.)
AP1513 Vout Ripple
(Vin = 12V; Vout = 3.3V; Iout = 0.1A)
AP1513 Vout Ripple
(Vin = 12V; Vout = 3.3V; Iout = 2A)
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Enable function test
Feedback function test
Operation function test
1K
3K
1.2K
6.8K
1K
33K
Output
Output
Output
VSS
VSS
VSS
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com