Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1513 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
7 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
Functional Description (Cont.)
ESR
ΔI
V
L
RIPPLE
The bulk capacitor
’s ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its voltage rating. In most case, higher voltage electrolytic
capacitors have lower ESR values. Most of the time, capacitors with much higher voltage ratings may be needed to provide the low ESR values
required for low output ripple voltage.
PCB Layout Guide
If you need low TC & TJ or large PD (Power Dissipation), the dual Output pins (5 & 6) and VSS pins (7 & 8) on the SO-8 package are internally
connected to die pad, The evaluation board should be allowed for maximum copper area at output pins.
1.
Connect FB circuits as closely as possible and keep away from inductor flux for pure VFB.
2.
Connect input capacitor to VCC and VSS pin as closely as possible to get good power filter effect.
3.
Connect ROCSET to VCC and OCSET pin as closely as possible.
4.
Connect ground side of the input capacitor & Schottky & output capacitor as closely as possible and use ground plane for best performance.
Ordering Information
AP1513 S X - 13
Package
Packing
13 : Tape & Reel
S : SO-8
Green
L : Lead Free
G : Green
Device
(Note 5)
Package Code
Package
(Note 6)
Green
Quantity
Part Number Suffix
Status
(Note 5)
Tube
13’’Tape and
reel
AP1513SG-13
S
SO-8
Green
2500
NA
-13
In production
Notes:
5. All Lead-Free variants are End of life without replacement.
6. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/diodes-package-outlines-and-pad-layouts/.
Marking Information (Note 5)
(1) SO-8
(Top View)
AP1513
YYWWX X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
L : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com