Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1513 Datasheet (PDF) - Diodes Incorporated

AP1513 Datasheet PDF - Diodes Incorporated
Part # AP1513
Download  AP1513 Download
File Size   490.86 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 2A STEP-DOWN CONVERTER

AP1513 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1513 Datasheet PDF - Diodes Incorporated

Part # AP1513
Download  AP1513 Click to download

File Size   490.86 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 2A STEP-DOWN CONVERTER

AP1513 Datasheet (HTML) - Diodes Incorporated


AP1513 Product details

Features
- Input Voltage: 3.6V to 18V
- Output Voltage: 0.8V to VCC
- Duty Ratio: 0% to 100% PWM Control
- Oscillation Frequency: 300kHz Typ
- Soft-start, Current Limit, Enable Function
- Thermal Shutdown Function
- Built-in Internal SW P-channel MOS
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free.“Green” Device (Note 3)

Applications
- PC Motherboard
- LCD Monitor
- Graphic Card
- DVD-Video Player
- Telecom Equipment
- ADSL Modem
- Printer and Other Peripheral Equipment
- Microprocessor Core Supply
- Networking Power Supply




Similar Part No. - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1513 DIODES-AP1513 Datasheet
249Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 4
AP1513 DIODES-AP1513 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
Anachip Corp
AP1513S ANACHIP-AP1513S Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
More results


Similar Description - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com