Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1513 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
8 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8
1
b
e
E
A
A1
9° (
All sides
)
4°± 3°
c
Q
h
R 0.1
7°
D
E0
E1
L
Seating Plane
Gauge Plane
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8
C
X
Y
Y1
X1
SO-8
Dim
Min
Max
Typ
A
1.40
1.50
1.45
A1
0.10
0.20
0.15
b
0.30
0.50
0.40
c
0.15
0.25
0.20
D
4.85
4.95
4.90
E
5.90
6.10
6.00
E1
3.80
3.90
3.85
E0
3.85
3.95
3.90
e
--
--
1.27
h
-
--
0.35
L
0.62
0.82
0.72
Q
0.60
0.70
0.65
All Dimensions in mm
Dimensions Value (in mm)
C
1.27
X
0.802
X1
4.612
Y
1.505
Y1
6.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com